Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5611IRE Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5611IRE
Description  60MHz Rail-to-Rail Input-Output VCOM Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5611IRE Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5611IRE Datasheet HTML 3Page - Intersil Corporation EL5611IRE Datasheet HTML 4Page - Intersil Corporation EL5611IRE Datasheet HTML 5Page - Intersil Corporation EL5611IRE Datasheet HTML 6Page - Intersil Corporation EL5611IRE Datasheet HTML 7Page - Intersil Corporation EL5611IRE Datasheet HTML 8Page - Intersil Corporation EL5611IRE Datasheet HTML 9Page - Intersil Corporation EL5611IRE Datasheet HTML 10Page - Intersil Corporation EL5611IRE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7355.1
August 3, 2005
FIGURE 7. OPEN-LOOP GAIN vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. SUPPLY CURRENT PER AMPLIFIER vs SUPPLY
VOLTAGE
FIGURE 10. SUPPLY CURRENT PER AMPLIFIER vs
TEMPERATURE
FIGURE 11. DIFFERENTIAL GAIN
FIGURE 12. DIFFERENTIAL PHASE
Typical Performance Curves (Continued)
70
75
60
65
VS=±5V
RL=1kΩ
TEMPERATURE (°C)
-10
-50
30
70
110
150
75
76
74
78
73
72
77
VS=±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
1.7
2.5
SUPPLY VOLTAGE (V)
1.5
2.9
2.1
2.3
2.7
1.9
TA=25°C
8
4
121620
2.45
2.5
2.4
2.6
2.65
2.55
2.7
VS=±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
-0.16
-0.04
IRE
-0.18
0
-0.12
-0.06
-0.02
-0.14
0
100
200
-0.08
-0.1
VS=±5V
AV=2
RL=1kΩ
0.2
IRE
0
0.3
0.15
0.25
0
100
200
0.1
0.05
EL5611, EL5811


Similar Part No. - EL5611IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5611IRE RENESAS-EL5611IRE Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5611IRE-T13 RENESAS-EL5611IRE-T13 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5611IRE-T7 RENESAS-EL5611IRE-T7 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
More results

Similar Description - EL5611IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5611 RENESAS-EL5611 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
logo
Global Mixed-mode Techn...
G1561 GMT-G1561 Datasheet
652Kb / 1P
   Rail to Rail Input-Output VCOM Buffer
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6235 LINER-LT6235_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com