Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5493ACL Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5493ACL
Description  Quad 300MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5493ACL Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5493ACL Datasheet HTML 2Page - Intersil Corporation EL5493ACL Datasheet HTML 3Page - Intersil Corporation EL5493ACL Datasheet HTML 4Page - Intersil Corporation EL5493ACL Datasheet HTML 5Page - Intersil Corporation EL5493ACL Datasheet HTML 6Page - Intersil Corporation EL5493ACL Datasheet HTML 7Page - Intersil Corporation EL5493ACL Datasheet HTML 8Page - Intersil Corporation EL5493ACL Datasheet HTML 9Page - Intersil Corporation EL5493ACL Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Typical Performance Curves (Continued)
-3dB Bandwidth vs Supply Voltage for Non-Inverting Gains
56
9
10
400
200
150
100
50
0
Total Supply Voltage (V)
AV=2
AV=5
AV=10
AV=1
RF=750Ω
RL=150Ω
Peaking vs Supply Voltage for Non-Inverting Gains
4
3.5
2
1
0.5
0
Total Supply Voltage (V)
AV=2
AV=1
RF=750Ω
RL=150Ω
-3dB Bandwidth vs Supply Voltage for Inverting Gains
250
200
150
100
0
Total Supply Voltage (V)
AV=-2
AV=-5
AV=-1
RF=500Ω
RL=150Ω
350
78
56
9
10
78
56
9
10
78
300
250
50
AV=10
2.5
1.5
3
Peaking vs Supply Voltage for Inverting Gains
2.5
2
1.5
1
0.5
0
Total Supply Voltage (V)
AV=-2
AV=-1
RF=500Ω
RL=150Ω
56
9
10
78
-3dB Bandwidth vs Temperature for Inverting Gains
250
200
150
50
0
-40
10
110
160
Ambient Temperature (°C)
100
60
-3dB Bandwidth vs Temperature for Non-Inverting Gains
500
400
300
100
0
-40
10
110
160
Ambient Temperature (°C)
200
60
AV=1
AV=2
AV=5
AV=10
RF=750Ω
RL=150Ω
AV=-1
AV=-2
AV=-5
RF=500Ω
RL=150Ω
EL5493, EL5493A


Similar Part No. - EL5493ACL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493ACL RENESAS-EL5493ACL Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T13 RENESAS-EL5493ACL-T13 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T7 RENESAS-EL5493ACL-T7 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
More results

Similar Description - EL5493ACL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com