Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5623IRZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5623IRZ-T13
Description  Multi-Channel Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5623IRZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

  EL5623IRZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FN7507.1
May 6, 2005
Description of Operation and Application
Information
Product Description
The EL5623 is fabricated using a high voltage CMOS
process. It exhibits rail to rail input and output capability and
has very low power consumption. When driving a load of
10K and 12pF, the buffers have a -3dB bandwidth of 10MHz
and exhibit 9V/µs slew rate.
Input, Output, and Supply Voltage Range
The EL5623 is specified with a single nominal supply voltage
from 5V to 15V or a split supply with its total range from 5V
to 15V. Correct operation is guaranteed for a supply range
from 4.5V to 16.5V.
The input common-mode voltage range of the EL5623 is
within 500mV beyond the supply rails. The output swings of
the buffers typically extend to within 100mV of the positive
and negative supply rails with load currents of 5mA.
Decreasing load currents will extend the output voltage even
closer to each supply rails.
Output Phase Reversal
The EL5623 is immune to phase reversal as long as the
input voltage is limited from VS- -0.5V to VS+ +0.5V.
Although the device's output will not change phase, the
input's over-voltage should be avoided. If an input voltage
exceeds supply voltage by more than 0.6V, electrostatic
protection diode placed in the input stage of the device begin
to conduct and over-voltage damage could occur.
Output Drive Capability
The EL5623 does not have internal short-circuit protection
circuitry. The buffers will limit the short circuit current to
±120mA if the outputs are directly shorted to the positive or
the negative supply. If the output is shorted indefinitely, the
power dissipation could easily increase such that the part will
be destroyed. Maximum reliability is maintained if the output
continuous current never exceeds ±30mA, a limit is set by
the design of the internal metal interconnections.
The Unused Buffers
It is recommended that any unused buffers should have their
inputs tied to ground plane.
Power Dissipation
With the high-output drive capability of the EL5623, it is
possible to exceed the 125°C “absolute-maximum junction
temperature” under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for the application to determine if load
conditions need to be modified for the buffer to remain in the
safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
when sourcing, and:
when sinking.
where:
i = 1 to total number of buffers
VS = Total supply voltage of buffer and VCOM
ISMAX = Total quiescent current
VOUTi = Maximum output voltage of the application
ILOADi = Load current of buffer
If we set the two PDMAX equations equal to each other, we
can solve for the RLOAD's to avoid device overheat. The
package power dissipation curves provide a convenient way
to see if the device will overheat. The maximum safe power
dissipation can be found graphically, based on the package
type and the ambient temperature. By using the previous
equation, it is a simple matter to see if PDMAX exceeds the
device's power derating curves.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended, lead lengths
should be as short as possible, and the power supply pins
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to ground, one 0.1µF ceramic capacitor should be
placed from the VS+ pin to ground. A 4.7µF tantalum
capacitor should then be connected from the VS+ pin to
ground. One 4.7µF capacitor may be used for multiple
devices. This same capacitor combination should be placed
at each supply pin to ground if split supplies are to be used.
PDMAX
TJMAX - TAMAX
Θ
JA
---------------------------------------------
=
PDMAX
VS IS ΣiVS+
(
[
VOUTi) ILOADi]
×
×
+
×
=
PDMAX
VS IS ΣiV
(
OUTi
[
VS-) ILOADi]
×
×
+
×
=
EL5623


Similar Part No. - EL5623IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5623IRZ-T13 RENESAS-EL5623IRZ-T13 Datasheet
411Kb / 7P
   Multi-Channel Buffer
More results

Similar Description - EL5623IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5623 RENESAS-EL5623 Datasheet
411Kb / 7P
   Multi-Channel Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
ATMEL Corporation
EF4442 ATMEL-EF4442 Datasheet
169Kb / 21P
   ARINC 429 Multi-channel Buffer Receiver (RTA) (N Channel, Silicon Gate)
logo
National Semiconductor ...
LMC6008 NSC-LMC6008 Datasheet
85Kb / 4P
   8 Channel Buffer
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com