Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5624AIREZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5624AIREZ-T13
Description  6-Channel Buffer with High Power VCOM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5624AIREZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5624AIREZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5624AIREZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN7506.0
February 14, 2005
FIGURE 7. SETTLING TIME vs STEP SIZE (BUFFER)
FIGURE 8. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY (BUFFER)
FIGURE 9. OUTPUT SWING vs FREQUENCY (BUFFER)
FIGURE 10. TRANSIENT LOAD REGULATION - SOURCING
(BUFFER)
FIGURE 11. TRANSIENT LOAD REGULATION -SINKING
(BUFFER)
FIGURE 12. SMALL SIGNAL TRANSIENT RESPONSE
(BUFFER)
Typical Performance Curves (Continued)
VS=±7.5V
RL=10kΩ
CL=12pF
10
SETTLING TIME (ns)
2
-10
-6
200
400
650
6
-2
250
450
300
500
350
550 600
VS=±5V
RL=10kΩ
VIN=2VP-P
0.018
FREQUENCY (Hz)
0.014
0.006
0.01
1K
10K
100K
0.016
0.012
0.008
VS=±5V
RL=10kΩ
12
FREQUENCY (Hz)
10
2
0
6
4
10K
100K
1M
10M
8
0mA
5mA
0V
5mA/DIV
500mA/DIV
M=1µs/DIV
VS=±7.5V
VIN=0V
RS=0Ω
CL=200pF
RS=10Ω
CL=4.7pF
RS=10Ω
CL=1nF
200ns/DIV
50mV/DIV
VS=±7.5V
RL=10kΩ
CL=12pF
EL5624A


Similar Part No. - EL5624AIREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5624AIREZ-T13 RENESAS-EL5624AIREZ-T13 Datasheet
828Kb / 9P
   6-Channel Buffer with High Power VCOM
More results

Similar Description - EL5624AIREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5624A RENESAS-EL5624A Datasheet
828Kb / 9P
   6-Channel Buffer with High Power VCOM
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
   Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Maxim Integrated Produc...
MAX1886 MAXIM-MAX1886 Datasheet
284Kb / 7P
   High-Current VCOM Drive Buffer
Rev 0; 8/01
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com