Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC14BQ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVC14BQ
Description  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14BQ Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVC14BQ Datasheet HTML 1Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 2Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 3Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 4Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74ALVC14 is a high-performance, low-power, low-voltage, Si-gate CMOS device and
superior to most advanced CMOS compatible TTL families.
The 74ALVC14 provides six inverting buffers with Schmitt-trigger action. It is capable of
transforming slowly changing input signals into sharply defined, jitter-free output signals.
2.
Features
s Wide supply voltage range from 1.65 V to 3.6 V
s 3.6 V tolerant inputs/outputs
s CMOS low power consumption
s Direct interface with TTL levels (2.7 V to 3.6 V)
s Power-down mode
s Unlimited input rise and fall times
s Latch-up performance exceeds 250 mA
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8-B/JESD36 (2.7 V to 3.6 V)
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
s Multiple package options
3.
Quick reference data
74ALVC14
Hex inverting Schmitt trigger
Rev. 03 — 15 February 2005
Product data sheet
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH propagation delay nA
to nY
VCC = 1.8 V; CL = 30 pF;
RL = 1 kΩ
-
2.9
-
ns
VCC = 2.5 V; CL = 30 pF;
RL = 500 Ω
-
2.2
-
ns
VCC = 2.7 V; CL = 50 pF;
RL = 500 Ω
-
2.8
-
ns
VCC = 3.3 V; CL = 50 pF;
RL = 500 Ω
-
2.4
-
ns


Similar Part No. - 74ALVC14BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC14BQ NEXPERIA-74ALVC14BQ Datasheet
254Kb / 16P
   Hex inverting Schmitt trigger
Rev. 5 - 30 April 2021
More results

Similar Description - 74ALVC14BQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com