Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9710 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9710
Description  3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9710 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9710 Datasheet HTML 1Page - Maxim Integrated Products MAX9710 Datasheet HTML 2Page - Maxim Integrated Products MAX9710 Datasheet HTML 3Page - Maxim Integrated Products MAX9710 Datasheet HTML 4Page - Maxim Integrated Products MAX9710 Datasheet HTML 5Page - Maxim Integrated Products MAX9710 Datasheet HTML 6Page - Maxim Integrated Products MAX9710 Datasheet HTML 7Page - Maxim Integrated Products MAX9710 Datasheet HTML 8Page - Maxim Integrated Products MAX9710 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3W Mono/Stereo BTL Audio Power Amplifiers
with Shutdown
_______________________________________________________________________________________
5
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-80
-60
-40
-20
0
-100
10
100k
VRIPPLE = 200mVP-P
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10
1
0.1
-100
-80
-60
-40
-20
0
-120
0.01
100
RIGHT TO LEFT
LEFT TO RIGHT
VIN = 200mVP-P
RL = 8
ENTERING SHUTDOWN
MAX9710/11 toc21
RL = 8
INPUT AC-COUPLED TO GND
100ms/div
OUT_+ AND
OUT_-
OUT_+ -
OUT_-
SHDN
2V/div
1V/div
200mV/div
EXITING SHUTDOWN
MAX9710/11 toc22
RL = 8
INPUT AC-COUPLED TO GND
100ms/div
OUT_+ AND
OUT_-
OUT_+ -
OUT_-
SHDN
2V/div
1V/div
200mV/div
ENTERING POWER-DOWN
MAX9710/11 toc23
RL = 8
INPUT AC-COUPLED TO GND
100ms/div
OUT_+ AND
OUT_-
OUT_+ -
OUT_-
VDD
2V/div
1V/div
200mV/div
EXITING POWER-DOWN
MAX9710/11 toc24
RL = 8
INPUT AC-COUPLED TO GND
100ms/div
OUT_+ AND
OUT_-
OUT_+ -
OUT_-
VDD
2V/div
1V/div
200mV/div
Typical Operating Characteristics (continued)
(VDD = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9710ETP MAXIM-MAX9710ETP Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
More results

Similar Description - MAX9710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
NTE Electronics
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com