Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44603ADW Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC44603ADW
Description  MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44603ADW Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC44603ADW Datasheet HTML 2Page - ON Semiconductor MC44603ADW Datasheet HTML 3Page - ON Semiconductor MC44603ADW Datasheet HTML 4Page - ON Semiconductor MC44603ADW Datasheet HTML 5Page - ON Semiconductor MC44603ADW Datasheet HTML 6Page - ON Semiconductor MC44603ADW Datasheet HTML 7Page - ON Semiconductor MC44603ADW Datasheet HTML 8Page - ON Semiconductor MC44603ADW Datasheet HTML 9Page - ON Semiconductor MC44603ADW Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC44603A
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Timing Resistor versus
Oscillator Frequency
Figure 2. Standby Mode Timing Capacitor
versus Oscillator Frequency
10 k
10000
fOSC, Oscillator Frequency (Hz)
VCC = 16 V
TA = 25°C
Rref = 10 k
10 k
100
fOSC, Oscillator Frequency (Hz)
VCC = 16 V
TA = 25°C
1000
10
300
3.0
100 k
100 k
1.0 M
1.0 M
CT = 100 pF
CT = 500 pF
CT = 2200 pF
CT = 1000 pF
RF Stby = 2.0 k
RF Stby = 5.0 k
RF Stby = 27 k
RF Stby = 100 k
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Oscillator Frequency
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 4. Ratio Charge Current/Reference
Current versus Temperature
52
51
48
47
46
45
44
–50
–25
0
25
50
75
100
VCC = 12 V
Rref = 10 k
CT = 820 pF
0.43
0.41
0.40
0.37
0.38
–50
–25
0
25
50
75
100
0.39
49
50
0.42
VCC = 12 V
Rref = 10 k
CT = 820 pF
Figure 5. Output Waveform
Figure 6. Output Cross Conduction
VO
ICC
VCC = 12 V
CL = 2200 pF
TA = 25°C
Current
Voltage
Current
Voltage
1.0
µs/Div
1.0
µs/Div
VCC = 12 V
CL = 2200 pF
TA = 25°C
600
400
–200
–400
–600
–800
–1000
0
200
70
60
30
20
10
0
–10
40
50
70
60
30
20
10
0
–10
40
50
300
200
–100
–200
–300
–400
–500
0
100


Similar Part No. - MC44603ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603ADW ONSEMI-MC44603ADW Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44603ADWG ONSEMI-MC44603ADWG Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44603ADWR2 ONSEMI-MC44603ADWR2 Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44603ADWR2G ONSEMI-MC44603ADWR2G Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
More results

Similar Description - MC44603ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603 ONSEMI-MC44603 Datasheet
451Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603A ONSEMI-MC44603A_05 Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com