Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS673LSETN-HT-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS673LSETN-HT-T
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673LSETN-HT-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS673LSETN-HT-T Datasheet HTML 5Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 6Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 7Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 8Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 9Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 10Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 11Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 12Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Characteristic Data: Relative Timing Accuracy
0.5
1.0
1.5
2.0
2.5
3.0
Gear Speed (rpm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
500
1000
1500
2000
2500
AG (mm)
AG (mm)
AG (mm)
AG (mm)
Gear Speed (rpm)
ATS673 Relative Timing Accuracy Versus Air Gap
Rising Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
ATS674 Relative Timing Accuracy Versus Air Gap
Rising Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
ATS673 Relative Timing Accuracy Versus Air Gap
Falling Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
ATS674 Relative Timing Accuracy Versus Air Gap
Falling Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
Relative Timing Accuracy Versus Air Gap
Rising Mechanical Edge
1.5 mm Air Gap, Relative to 0.5 mm Air Gap
Relative Timing Accuracy Versus Air Gap
Falling Mechanical Edge
1.5 mm Air Gap, Relative to 0.5 mm Air Gap
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.5
1.0
1.5
2.0
2.5
3.0
0.40
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-0.40
0
500
1000
1500
2000
2500
0.40
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-0.40
TA (°C)
–40
0
25
85
150
ATS673
ATS674
TA (°C)
–40
0
25
85
150
TA (°C)
–40
0
25
85
150
TA (°C)
–40
0
25
85
150
ATS673
ATS674


Similar Part No. - ATS673LSETN-HT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS673LSETN-HT-T ALLEGRO-ATS673LSETN-HT-T Datasheet
644Kb / 19P
   Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
More results

Similar Description - ATS673LSETN-HT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS673 ALLEGRO-ATS673_06 Datasheet
644Kb / 19P
   Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS675LSE ALLEGRO-ATS675LSE Datasheet
477Kb / 13P
   Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
ATS675 ALLEGRO-ATS675 Datasheet
364Kb / 14P
   Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
ATS672LSB ALLEGRO-ATS672LSB_03 Datasheet
798Kb / 15P
   Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
May 1, 2006
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
   TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
   Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS643LSH ALLEGRO-ATS643LSH Datasheet
501Kb / 16P
   Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS19580 ALLEGRO-ATS19580 Datasheet
1,013Kb / 16P
   Direction Sensor IC for Gear Tooth Sensing
November 18, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com