Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44605P Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC44605P
Description  High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44605P Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC44605P Datasheet HTML 5Page - ON Semiconductor MC44605P Datasheet HTML 6Page - ON Semiconductor MC44605P Datasheet HTML 7Page - ON Semiconductor MC44605P Datasheet HTML 8Page - ON Semiconductor MC44605P Datasheet HTML 9Page - ON Semiconductor MC44605P Datasheet HTML 10Page - ON Semiconductor MC44605P Datasheet HTML 11Page - ON Semiconductor MC44605P Datasheet HTML 12Page - ON Semiconductor MC44605P Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MC44605
http://onsemi.com
9
The Error Amp Output (Pin 13) is provided for external
loop compensation. The output voltage is offset by two
diodes drops (
[1.4 V) and divided by three before it
connects to the inverting input of the Current Sense
Comparator. This guarantees that no drive pulses appear at
the Source Output (Pin 3) when Pin 13 is at its lowest state
(VOL). This occurs when the power supply is operating and
the load is removed, or at the beginning of a soft–start
interval. The Error Amp minimum feedback resistance is
limited by the amplifier’s minimum source current (0.2 mA)
and the required output voltage (VOH) to reach the current
sense comparator’s 1.0 V clamp level:
R1(min)
+
(3
1V)
) 1.4 V
0.2 mA
+ 22 kΩ
Current Sense Comparator and PWM Latch
The MC44605 operates as a current mode controller. The
circuit uses a current sense comparator to compare the
inductor current to the threshold level established by the
Error Amplifier output (Pin 13). When the current reaches
the threshold, the current sense comparator terminates the
output switch conduction that has been initiated by the
oscillator, by resetting the PWM Latch. Thus the error signal
controls the peak inductor current on a cycle–by–cycle
basis. This configuration ensures that only one single pulse
appears at the Source Output during the appropriate
oscillator cycle.
Figure 2. Output Totem Pole
R
S
Q
UVLO
Disout
Vdemag out
Thermal
Protection
PWM
Latch
Current Sense
Comparator
Substrate
Current
Sense
14
3
7
C
RS
R
R3
Q1
Vin
VC
R2
VS
The inductor current is converted to a voltage by inserting
the ground referenced sense resistor RS in series with the
power switch Q1.
This voltage is monitored by the Current Sense Input
(Pin 7) and compared to a level derived from the Error Amp
output. The peak inductor current under normal operating
conditions is controlled by the voltage at Pin 13 where:
I
pk [
V
(pin13) *
1.4 V
3
R
S
The Current Sense Comparator threshold is internally
clamped to 1.0 V. Therefore the maximum peak switch
current is:
I
pk(max) +
1V
R
S
Undervoltage Lockout Section
As depicted in Figure 3, an undervoltage lockout has been
incorporated to guarantee that the IC is fully functional
before allowing the system working.
In effect, the VCC is connected to the non inverting input
of a comparator that has an upper threshold equal to 14,5 V
(typical Vstup–th) and a lower one equal to 7.5 V (typical
Vdisable 2). This hysteresis comparator enables or disables
the reference block that generates the voltage and current
sources required by the system.
This block particularly, produces Vref (pin 16 voltage) and
Iref that is determined by the resistor Rrefconnectedbetween
pin 16 and the ground:
I
ref +
V
ref
R
ref
where V
ref +
2.5 V (typically)
Figure 3. VCC Management
Reference Block:
Voltage and Current
Sources Generator
(Vref, Iref, ...)
Vref enable
CSTART–UP
10
1
0
Vdisable
7.5 V
START–UP
14.5 V
UVLO1
(to SOFTSTART)
Vdisable1
9.0 V
CUVLO1
Rref
Pin 16
MC44605
VCC
(Pin 1)
In addition to this, VCC is compared to a second threshold
level that is nearly equal to 9 V (Vdisable1) so that a signal
UVLO1 is generated to reset the soft start block and so, to
disable the output stage (refer to the Soft–Start §) as soon as
VCC becomes lower than Vdisable 1. In this way, the circuit
is reset and made ready for a next start–up, before the
reference block is disabled (refer to Figure 3). Thus, finally
the upper limit for the minimum normal operating voltage


Similar Part No. - MC44605P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605P ONSEMI-MC44605P Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
MC44605PG ONSEMI-MC44605PG Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
More results

Similar Description - MC44605P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603 ONSEMI-MC44603 Datasheet
451Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
logo
Diodes Incorporated
AP3304 DIODES-AP3304 Datasheet
684Kb / 12P
   MULTI-MODE PWM CONTROLLER
Rev. 4 - 2 October 2021
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
   HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
List of Unclassifed Man...
OB2362 ETC-OB2362 Datasheet
677Kb / 10P
   Adaptive Multi-Mode PWM Controller
OB_DOC_DS_236200
logo
Texas Instruments
UCC1810 TI-UCC1810 Datasheet
469Kb / 8P
[Old version datasheet]   Dual Channel Synchronized Current Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com