Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44608P40 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 44608P40
Description  Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

44608P40 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 44608P40 Datasheet HTML 2Page - ON Semiconductor 44608P40 Datasheet HTML 3Page - ON Semiconductor 44608P40 Datasheet HTML 4Page - ON Semiconductor 44608P40 Datasheet HTML 5Page - ON Semiconductor 44608P40 Datasheet HTML 6Page - ON Semiconductor 44608P40 Datasheet HTML 7Page - ON Semiconductor 44608P40 Datasheet HTML 8Page - ON Semiconductor 44608P40 Datasheet HTML 9Page - ON Semiconductor 44608P40 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC44608
http://onsemi.com
6
In stand–by mode, this current can be lowered as due to the
activation of a 200
µA current source:
Ipk
max
*stby +
1
* (Rcs(kW) 0, 2)
Rsense(W)
(A)
Figure 2. Current Sense
+
Switching Phase
1 V
STAND–BY
10
&
2
Isense
L.E.B.
Overcurrent
OC
200 A
m
START–UP
Comparator
Rcs
Rsense
The current sense input consists of a filter (6k
W, 4pF) and
of a leading edge blanking. Thanks to that, this pin is not
sensitive to the power switch turn on noise and spikes and
practically in most applications, no filtering network is
required to sense the current.
Finally, this pin is used:
– as a protection against over currents (Isense > I)
– as a reduction of the peak current during a Pulsed Mode
switching phase.
The overcurrent propagation delay is reduced by
producing a sharp output turn off (high slew rate). This
results in an abrupt output turn off in the event of an over
current and in the majority of the pulsed mode switching
sequense.
Demagnetization Section
The MC44608 demagnetization detection consists of a
comparator designed to compare the VCC winding voltage
to a reference that is typically equal to 50mV.
This reference is chosen low to increase effectiveness of
the demagnetization detection even during start–up.
A latch is incorporated to turn the demagnetization block
output into a low level as soon as a voltage less than 50 mV
is detected, and to keep it in this state until a new pulse is
generated on the output. This avoids any ringing on the input
signal which may alter the demagnetization detection.
For a higher safety, the demagnetization block output is
also directly connected to the output, which is disabled
during the demagnetization phase.
The demagnetization pin is also used for the quick,
programmable OVP. In fact, the demagnetization input
current is sensed so that the circuit output is latched off when
this current is detected as higher than 120
µA.
Figure 3. Demagnetization Block
&
1
DMG
> 24 A
Output
Current Mirror
Oscillator Buffer
+
Idemag
50/20 mV
>120 A
m
m
Demag
RQ
S
DMG
This function can be inhibited by grounding it but in this
case, the quick and programmable OVP is also disabled.
Oscillator
The MC44608 contains a fixed frequency oscillator. It is
built around a fixed value capacitor CT succesively charged
and discharged by two distinct current sources ICH and
IDCH. The window comparator senses the CT voltage value
and activates the sources when the voltage is reaching the
2.4V/4V levels.
Figure 4. Oscillator Block
+
from Demag
4 V
2.4 V
&
Window
OSC
ICH
comp
DMG
SDCH
IDCH
logic block
SCH
Clock
CT
The complete demagnetization status DMG is used to
inhibit the recharge of the CT capacitor. Thus in case of
incomplete transformer demagnetization the next switching
cycle is postpone until the DMG signal appears. The
oscillator remains at 2.4V corresponding to the sawtooth
valley voltage. In this way the SMPS is working in the so
called SOPS mode (Self Oscillating Power Supply). In that
case the effective switching frequency is variable and no
longer depends on the oscillator timing but on the external
working conditions (Refer to DMG signal in the Figure 5).


Similar Part No. - 44608P40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
44608P75 ONSEMI-44608P75 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
More results

Similar Description - 44608P40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44608 ONSEMI-MC44608_06 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
   Very few external components
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
   Very few external components
logo
IK Semicon Co., Ltd
IL44608 IKSEMICON-IL44608 Datasheet
342Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N_16 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
   Few external components
July 2009 Rev 1
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
ON Semiconductor
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com