Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V108CKV-10HI Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M5V108CKV-10HI
Description  1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V108CKV-10HI Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5V108CKV-10HI Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI LSIs
M5M5V108CFP,VP,RV,KV,KR -70HI, -10HI,
-70XI, -10XI
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE
Symbol
Parameter
Test conditions
pF
pF
Unit
Max
6
10
Typ
Min
Limits
VI=GND, VI=25mVrms, f=1MHz
VO=GND,VO=25mVrms, f=1MHz
Input capacitance
Output capacitance
CI
CO
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Unit
V
V
V
mW
°C
°C
Conditions
With respect to GND
Ta=25°C
700
– 40~85
– 65~150
Ratings
Symbol
Vcc
DC ELECTRICAL CHARACTERISTICS (Ta=– 40~85°C, Vcc=2.7~3.6V, unless otherwise noted)
Symbol
Parameter
V
V
V
Max
Typ
Limits
Min
Test conditions
Unit
V
µA
– 0.3*~4.6
– 0.3*~Vcc + 0.3
(Ta=– 40~85°C, unless otherwise noted)
0~Vcc
* –3.0V in case of AC ( Pulse width
≤ 30ns )
Note 1: Direction for current flowing into an IC is positive (no mark).
2: Typical value is Vcc = 3V, Ta = 25°C
mA
* –3.0V in case of AC ( Pulse width
≤ 30ns )
µA
µA
mA
V
Vcc
+ 0.3
0.6
2.0
–0.3*
2.4
0.33
Stand-by current
0.4
±1
Active supply current
Active supply current
Vcc
– 0.5
±1
35
VIH
VIL
VOH1
VOH2
VOL
II
IO
ICC1
ICC2
ICC3
ICC4
High-level input voltage
Low-level input voltage
High-level output voltage 1
High-level output voltage 2
Low-level output voltage
Input current
Output current in off-state
Stand-by current
IOH= – 0.5mA
IOH= – 0.05mA
IOL= 2mA
VI=0~Vcc
S1=VIH or S2=VIL or OE=VIH
VI/O=0~VCC
S1=VIL,S2=VIH,
other inputs=VIH or VIL
Output-open(duty 100%)
1) S2
≤ 0.2V
other inputs=0~VCC
2) S1
≥ VCC–0.2V,
S2
≥ VCC–0.2V
other inputs=0~VCC
S1=VIH or S2=VIL,
other inputs=0~VCC
~25°C
(Max 4.6)
3
~40°C
~70°C
~25°C
~40°C
~70°C
-HI
-XI
1.2
3.6
12
0.6
1.8
4.8
30
5
70ns
100ns
1MHz
VI
VO
Pd
Topr
Tstg
~85°C
~85°C
24
9.6
µA


Similar Part No. - M5M5V108CKV-10HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V108CKV-10H MITSUBISHI-M5M5V108CKV-10H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M5V108CKV-10HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com