Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V108CKV-10HI Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M5V108CKV-10HI
Description  1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V108CKV-10HI Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M5M5V108CKV-10HI Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V108CKV-10HI Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MITSUBISHI LSIs
M5M5V108CFP,VP,RV,KV,KR -70HI, -10HI,
-70XI, -10XI
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
VCC = 3V
1) S2
≤ 0.2V,
other inputs = 0~3V
2) S1
≥ VCC–0.2V,
S2
≥ VCC–0.2V
other inputs = 0~3V
(Ta=– 40~85°C, unless otherwise noted)
0.2V
t rec (PD)
2.7V
S2
≤ 0.2V
(3) POWER DOWN CHARACTERISTICS
S1 control mode
S2 control mode
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS
Power down set up time
Power down recovery time
(2) TIMING REQUIREMENTS (Ta=– 40~85°C, unless otherwise noted )
tsu (PD)
trec (PD)
Symbol
Parameter
ns
Max
Typ
Limits
Min
Test conditions
Unit
0
5
ms
2.7V
t su (PD)
0.2V
2.2V
t su (PD)
2.7V
2.7V
2.2V
t rec (PD)
S1
≥ VCC - 0.2V
VCC
S1
VCC
S2
Symbol
Parameter
V
V
Max
Typ
Limits
Min
Test conditions
Unit
µA
V
2
0.2
VCC (PD)
VI (S1)
VI (S2)
ICC (PD)
Power down supply voltage
Chip select input S1
Chip select input S2
Power down supply current
2.0
7
~25°C
~40°C
~70°C
~25°C
~40°C
~70°C
-HI
-XI
1
3
10
0.5
1.5
4
V
0.6
Vcc(PD)
2.7V
≤Vcc(PD)
Vcc(PD)<2.7V
~85°C
~85°C
20
8
µA


Similar Part No. - M5M5V108CKV-10HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V108CKV-10H MITSUBISHI-M5M5V108CKV-10H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M5V108CKV-10HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com