Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH5101A-Q Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CH5101A-Q
Description  CMOS Monochrome Digital Video Camera
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH5101A-Q Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CH5101A-Q Datasheet HTML 5Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 6Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 7Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 8Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 9Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 10Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 11Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 12Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CHRONTEL
CH5101A
201-0000-033 Rev 1.0, 6/2/99
9
Horizontal start - In non-CCIR601 modes, the delay between the HS* output and the output of active data
from the CH5101 is programmable via the HS register. The polarity of this output is programmable.
Vertical start - In non-CCIR601 modes, the delay between the VS* output and the output of active data from
the CH5101 is programmable via the VS register. The polarity of this output is programmable.
Frame rate adjustment method — The CH5101 has two methods for adjusting the frame rate of the device.
The first method is to add additional black lines to each frame after reading out the active data. The second
method is to have each frame remain a constant number of lines long, and have each line contain a variable
number of blank pixels after reading out the active data. In this mode, all clock signals are 1/2 of the normal
rate.
Auto shutter speed — The auto-shutter loop speed can be controlled via ASSPD[2:0].
Bus control:
The CH5101 is controlled via a 2 pin serial interface. The description of this interface, and all registers accessible
via the interface is described later in the data sheet.
Power up control:
Seven bits within the CH5101 register map can have their default value determined at the time of power-up, or when
the Reset pin is exercised. This is accomplished by using a high valued pull-down resistor on the PUD[6:0] pins.
These pins are pulled high by an internal high impedance pull-up device. This pull-up can be overridden by con-
necting a 100K ohm resistor externally to ground. After three frames, the level at the PUD[6:0] pins is latched, and
seven register bits are set or cleared depending upon the corresponding pin's level. The PUD[6:0] pins functions are
then returned to outputs of the chroma data. The power-up control affects the following register bits:
Table 2. Power Up Default Control
Pin
Register
Bit
Function
PUD[5]*
22h
3
ADDO
The A/D Direct Output mode can be selected at power up. This bypasses the 2-
D LPF and Gamma correction, which may be desirable for applications which
want to use raw data. Logically inverted input
No pull-down resistor - Datapath processing
Pull-down resistor - A/D direct output
PUD[4]*
19h
4
PD
The power down bit can be enabled at power up. This may be desirable in USB
cameras which have power limitations at power up. Logically inverted input
No pull-down resistor - Normal power-up
Pull-down resistor - Power-up in low-power mode
PUD[6]
00h
1
M0
The Mode[0] bit can be used to select between NTSC or PAL output at power up.
No pull-down resistor - PAL operation
Pull-down resistor - NTSC operation
PUD[3:0]*
1Eh
3:0
ASW[3:0]
The auto-shutter window can be selected at power up. See the register
description for corresponding window selection. Logically inverted inputs
No pull-down resistors gives window "0", Center location


Similar Part No. - CH5101A-Q

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CH51 AVX-CH51 Datasheet
95Kb / 6P
   ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
CH51 AVX-CH51 Datasheet
70Kb / 4P
   High Voltage Leaded (CH Style) Radial, Dual-in-Line & ?쁋??Lead SMT
logo
Chenmko Enterprise Co. ...
CH511H-30PT CHENMKO-CH511H-30PT Datasheet
76Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 1.0 Ampere
logo
Sirectifier Global Corp...
CH511H-30PT SIRECT-CH511H-30PT Datasheet
257Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
CH511H-40PT CHENMKO-CH511H-40PT Datasheet
81Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 1.0 Ampere
More results

Similar Description - CH5101A-Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
   CMOS COLOR DIGITAL VIDEO CAMERA
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
logo
Omron Electronics LLC
STC-MBE132POE OMRON-STC-MBE132POE Datasheet
2Mb / 68P
   GigE Vision Monochrome / Color CMOS PoE Camera
logo
Integrated Circuit Syst...
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
   DIGITAL VIDEO CAMERA CLOCK
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
OV5116N ETC-OV5116N Datasheet
200Kb / 5P
   OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com