Electronic Components Datasheet Search |
|
MC54-74HC4016 Datasheet(PDF) 1 Page - ON Semiconductor |
|
MC54-74HC4016 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 11 page MOTOROLA SEMICONDUCTOR TECHNICAL DATA 1 REV 6 © Motorola, Inc. 1995 10/95 Quad Analog Switch/ Multiplexer/Demultiplexer High–Performance Silicon–Gate CMOS The MC54/74HC4016 utilizes silicon–gate CMOS technology to achieve fast propagation delays, low ON resistances, and low OFF–channel leakage current. This bilateral switch/multiplexer/demultiplexer controls analog and digital voltages that may vary across the full power–supply range (from VCC to GND). The HC4016 is identical in pinout to the metal–gate CMOS MC14016 and MC14066. Each device has four independent switches. The device has been designed so that the ON resistances (RON) are much more linear over input voltage than RON of metal–gate CMOS analog switches. This device is identical in both function and pinout to the HC4066. The ON/OFF Control inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. For analog switches with voltage–level translators, see the HC4316. For analog switches with lower RON characteristics, use the HC4066. • Fast Switching and Propagation Speeds • High ON/OFF Output Voltage Ratio • Low Crosstalk Between Switches • Diode Protection on All Inputs/Outputs • Wide Power–Supply Voltage Range (VCC – GND) = 2.0 to 12.0 Volts • Analog Input Voltage Range (VCC – GND) = 2.0 to 12.0 Volts • Improved Linearity and Lower ON Resistance over Input Voltage than the MC14016 or MC14066 • Low Noise • Chip Complexity: 32 FETs or 8 Equivalent Gates LOGIC DIAGRAM 1 13 4 5 8 6 11 12 2 3 9 10 A ON/OFF CONTROL B ON/OFF CONTROL C ON/OFF CONTROL D ON/OFF CONTROL XA XB XC XD YA YB YC YD ANALOG OUTPUTS/INPUTS ANALOG INPUTS/OUTPUTS = XA, XB, XC, XD PIN 14 = VCC PIN 7 = GND MC54/74HC4016 FUNCTION TABLE PIN ASSIGNMENT XB YB YA XA GND C ON/OFF CONTROL B ON/OFF CONTROL 11 12 13 14 8 9 10 5 4 3 2 1 7 6 YD XD D ON/OFF CONTROL A ON/OFF CONTROL VCC XC YC On/Off Control State of Input Analog Switch L Off H On D SUFFIX SOIC PACKAGE CASE 751A–03 N SUFFIX PLASTIC PACKAGE CASE 646–06 ORDERING INFORMATION MC54HCXXXXJ MC74HCXXXXN MC74HCXXXXD Ceramic Plastic SOIC 1 14 1 14 J SUFFIX CERAMIC PACKAGE CASE 632–08 1 14 |
Similar Part No. - MC54-74HC4016 |
|
Similar Description - MC54-74HC4016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |