Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCY79-IX Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCY79-IX
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCY79-IX Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCY79-IX Datasheet HTML 1Page - Central Semiconductor Corp BCY79-IX Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R3
BCY78, VII, VIII, IX, X
BCY79, VII, VIII, IX, X
PNP SILICON TRANSISTOR
JEDEC TO-18 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR BCY78, BCY79 Series types are Silicon PNP Epitaxial Planar Transistors,
mounted in a hermetically sealed metal case, designed for low noise amplifier and switching applications.
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
SYMBOL
BCY78
BCY79
UNITS
Collector-Base Voltage
VCBO
32
45
V
Collector-Emitter Voltage
VCEO
32
45
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Collector Current (Peak)
ICM
200
mA
Base Current (Peak)
IBM
200
mA
Power Dissipation
PD
340
mW
Power Dissipation(TC=25°C)
PD
1.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
450
°C/W
Thermal Resistance
ΘJC
150
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB= Rated VCBO
15
nA
ICBO
VCB= Rated VCBO, TA=150°C
10
µA
IEBO
VEB=5.0V
20
nA
BVCBO
IC=10µA (BCY78)
32
V
BVCBO
IC=10µA (BCY79)
45
V
BVCEO
IC=2.0mA (BCY78)
32
V
BVCEO
IC=2.0mA (BCY79)
45
V
BVEBO
IE=1.0µA
5.0
V
VCE(SAT)
IC=10mA, IB=250µA
0.25
V
VCE(SAT)
IC=100mA, IB=2.5mA
0.80
V
VBE(SAT)
IC=10mA, IB=250µA
0.60
0.85
V
VBE(SAT)
IC=100mA, IB=2.5mA
0.70
1.20
V
VBE(ON)
VCE=5.0V, IC=2.0mA
0.60
0.75
V
BCY78-VII
BCY78-VIII
BCY78-IX
BCY78-X
BCY79-VII
BCY79-VIII
BCY79-IX
BCY79-X
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=5.0V, IC=10µA
140 TYP
30
40
100
hFE
VCE=5.0V, IC=2.0mA
120
220
180
310
250
460
380
630
hFE
VCE=1.0V, IC=10mA
80
120
400
160
630
240
1000
hFE
VCE=1.0V, IC=100mA
40
45
60
60


Similar Part No. - BCY79-IX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY79 PHILIPS-BCY79 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Central Semiconductor C...
BCY79 CENTRAL-BCY79 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
BCY79 COMSET-BCY79 Datasheet
250Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY79 COMSET-BCY79 Datasheet
156Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
BCY79 CDIL-BCY79 Datasheet
85Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
More results

Similar Description - BCY79-IX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com