Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL400CN Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL400CN
Description  200MHz Current Feedback Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL400CN Datasheet(HTML) 5 Page - Intersil Corporation

  EL400CN Datasheet HTML 1Page - Intersil Corporation EL400CN Datasheet HTML 2Page - Intersil Corporation EL400CN Datasheet HTML 3Page - Intersil Corporation EL400CN Datasheet HTML 4Page - Intersil Corporation EL400CN Datasheet HTML 5Page - Intersil Corporation EL400CN Datasheet HTML 6Page - Intersil Corporation EL400CN Datasheet HTML 7Page - Intersil Corporation EL400CN Datasheet HTML 8Page - Intersil Corporation EL400CN Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Performance Curves (Continued)
Differential Gain and
Phase (3.58MHz)
Pulse Response AV = +2
Pulse Response AV = +2
Differential Gain and
Phase (4.43MHz)
Differential Gain and
Phase (30MHz)
Recommended RS vs
Load Capacitance
EL400


Similar Part No. - EL400CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL400CN ELANTEC-EL400CN Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400CN RENESAS-EL400CN Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
More results

Similar Description - EL400CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com