Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54HC4016J Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC54HC4016J
Description  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC54HC4016J Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC54HC4016J Datasheet HTML 2Page - ON Semiconductor MC54HC4016J Datasheet HTML 3Page - ON Semiconductor MC54HC4016J Datasheet HTML 4Page - ON Semiconductor MC54HC4016J Datasheet HTML 5Page - ON Semiconductor MC54HC4016J Datasheet HTML 6Page - ON Semiconductor MC54HC4016J Datasheet HTML 7Page - ON Semiconductor MC54HC4016J Datasheet HTML 8Page - ON Semiconductor MC54HC4016J Datasheet HTML 9Page - ON Semiconductor MC54HC4016J Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC54/74HC4016
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
6
Figure 3. Maximum Off Channel Leakage Current,
Any One Channel, Test Set–Up
OFF
7
14
VCC
A
VCC
GND
VCC
SELECTED
CONTROL
INPUT
VIL
Figure 4. Maximum On Channel Leakage Current,
Channel to Channel, Test Set–Up
ON
14
VCC
N/C
A
GND
VCC
7
SELECTED
CONTROL
INPUT
VIH
Figure 5. Maximum On–Channel Bandwidth
Test Set–Up
ON
14
VCC
0.1
µF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
7
SELECTED
CONTROL
INPUT
VCC
Figure 6. Off–Channel Feedthrough Isolation,
Test Set–Up
OFF
7
14
VCC
0.1
µF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
RL
VIS
SELECTED
CONTROL
INPUT
Figure 7. Feedthrough Noise, ON/OFF Control to
Analog Out, Test Set–Up
14
VCC
CL*
*Includes all probe and jig capacitance.
OFF/ON
VCC
GND
Vin ≤ 1 MHz
tr = tf = 6 ns
CONTROL
VCC/2
RL
IS
RL
VOS
7
SELECTED
CONTROL
INPUT
VCC/2
VCC
GND
ANALOG IN
ANALOG OUT
50%
tPLH
tPHL
50%
Figure 8. Propagation Delays, Analog In to
Analog Out


Similar Part No. - MC54HC4016J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
More results

Similar Description - MC54HC4016J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com