Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2166 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2166
Description  110MHz Current Feedback Amplifier with Disable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2166 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2166 Datasheet HTML 2Page - Intersil Corporation EL2166 Datasheet HTML 3Page - Intersil Corporation EL2166 Datasheet HTML 4Page - Intersil Corporation EL2166 Datasheet HTML 5Page - Intersil Corporation EL2166 Datasheet HTML 6Page - Intersil Corporation EL2166 Datasheet HTML 7Page - Intersil Corporation EL2166 Datasheet HTML 8Page - Intersil Corporation EL2166 Datasheet HTML 9Page - Intersil Corporation EL2166 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Typical Performance Curves (Continued)
Frequency Response
for Various CL
Frequency Response
for Various CIN-
PSRR and CMRR
vs Frequency
2nd and 3rd Harmonic
Distortion vs Frequency
Transimpedance (ROL)
vs Frequency
Voltage and Current Noise
vs Frequency
Closed-Loop Output
Impedance vs Frequency
Transimpedance (ROL)
vs Die Temperature
EL2166


Similar Part No. - EL2166

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL216 EVERLIGHT-EL216 Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL216 EVERLIGHT-EL216 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL216(TA)-V EVERLIGHT-EL216(TA)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL216(TB)-V EVERLIGHT-EL216(TB)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
More results

Similar Description - EL2166

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Texas Instruments
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com