Electronic Components Datasheet Search |
|
IDT72261LA20TFI Datasheet(PDF) 8 Page - Integrated Device Technology |
|
IDT72261LA20TFI Datasheet(HTML) 8 Page - Integrated Device Technology |
8 / 27 page 8 COMMERCIAL AND INDUSTRIAL TEMPERATURERANGES IDT72261LA/72271LA SuperSync FIFO™ 16,384 x 9 and 32,768 x 9 NOTES: 1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected. 2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected. PROGRAMMING FLAG OFFSETS Full and Empty Flag offset values are user programmable. The IDT72261LA/72271LA has internal registers for these offsets. Default settings are stated in the footnotes of Table 1 and Table 2. Offset values can be programmed into the FIFO in one of two ways; serial or parallel loading method. The selection of the loading method is done using the LD (Load) pin. During Master Reset, the state of the LD input determines whether serial or parallel flag offset programming is enabled. A HIGH on LD during Master Reset selects serial loading of offset values and in addition, sets a default PAE offset value of 3FFH (a threshold 1,023 words from the empty boundary), and a default PAF offset value of 3FFH (a threshold 1,023 words from the full boundary). A LOW on LD during Master Reset selects parallel loading of offset values, and in addition, sets a default PAE offset value of 07FH (a threshold 127 words from the empty boundary), and a default PAF offset value of 07FH (a threshold 127 words from the full boundary). See Figure 3, Offset Register Location and Default Values. In addition to loading offset values into the FIFO, it also possible to read the current offset values. It is only possible to read offset values via parallel read. Figure 4, Programmable Flag Offset Programming Sequence, summa- rizes the control pins and sequence for both serial and parallel program- ming modes. For a more detailed description, see discussion that follows. The offset registers may be programmed (and reprogrammed) any time after Master Reset, regardless of whether serial or parallel programming has been selected. Number of Words in FIFO 0 1 to n (1) 0 1 to n (1) (n+1) to 8,192 8,193 to (16,384-(m+1)) (16,384-m) (2) to 16,383 16,384 IDT72261LA IDT72271LA FF PAF HF PAE EF HH HL L HH HL H HH H H H HH L H H HL L H H LL LH H 4671 drw 05 0 1 to n+1(1) 0 1 to n+1(1) (n+2) to 16,385 16,386 to (32,769-(m+1)) (32,769-m) (2) to 32,768 32,769 IR PAF HF PAE OR LH H L H LH H L L L H HHL LH L H L LLL H L HL L H L IDT72261LA IDT72271LA Number of Words in FIFO (1) (n+1) to 16,384 16,385 to (32,768-(m+1)) (32,768-m) (2) to 32,767 32,768 (n+2) to 8,193 8,194 to (16,385-(m+1)) (16,385-m) (2) to 16,384 16,385 NOTES: 1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected. 2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected. TABLE 1 — STATUS FLAGS FOR IDT STANDARD MODE TABLE 2 — STATUS FLAGS FOR IDT STANDARD MODE |
Similar Part No. - IDT72261LA20TFI |
|
Similar Description - IDT72261LA20TFI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |