Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2252 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2252
Description  Dual 50MHz Comparator/Pin Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2252 Datasheet(HTML) 7 Page - Intersil Corporation

  EL2252 Datasheet HTML 1Page - Intersil Corporation EL2252 Datasheet HTML 2Page - Intersil Corporation EL2252 Datasheet HTML 3Page - Intersil Corporation EL2252 Datasheet HTML 4Page - Intersil Corporation EL2252 Datasheet HTML 5Page - Intersil Corporation EL2252 Datasheet HTML 6Page - Intersil Corporation EL2252 Datasheet HTML 7Page - Intersil Corporation EL2252 Datasheet HTML 8Page - Intersil Corporation EL2252 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Simplified Schematic
Applications Information
The EL2252 is very easy to use and is relatively oscillation-
free, but a few items must be attended. The first is that both
supplies should be bypassed closely. 1µF tantalums are very
good and no additional smaller capacitors are necessary.
The EL2252 requires V- to be at least 5V to preserve AC
performance. V+ must be at least 6V for a TTL output swing,
8V for CMOS outputs.
The input voltage range will be referred to the more positive
of the two inputs. That is, bringing an input as negative as V-
will not cause problems; it's the other input's level that must
be considered. The typical input range is +13/-12V when the
supplies are ±15V. This range diminishes over temperature
and varies with processing; it is wise to set power supplies
such that V+ is 5V more positive than the most positive input
signal and V- more negative than 6V below the most
negative input. ±12V supplies will easily encompass all
CMOS and ECL logic inputs. If the input exceeds the
device's common-mode input capability, the EL2252
propagation delay and input bias current will increase. Fault
currents will occur with inputs a diode below V- or above V+.
No damage nor VOS shift will occur even when fault currents
within the absolute maximum ratings.
One of the few ways in which oscillations can be induced is
by connecting a high-Q reactive source impedance to the
EL2252 inputs. Such sources are long wires and
unterminated coaxial lines. The source impedance should
be de-Q'ed. One method is to connect a series resistor to the
EL2252 input of around 100
Ω value. More resistance will
calm the system more effectively, but at the expense of
comparator response time. Another method is to install a
“snubber” network from comparator input to ground. A
snubber is a resistor in series with a small capacitor, around
100
Ω and 33pF. Each physical and electrical environment
will require different treatments, although many need none.
The major use of the HYS pin is to suppress noise
superimposed on the input signal. By shorting the HYS pin
to V- a ±30mV hysteresis is placed around the VOS of the
comparator input. Leaving the pin open, or more
appropriately, grounding the HYS pin removes all hysteresis.
Connecting a resistor between HYS and V- allows an
adjustment of the peak-to-peak hysteresis level.
Unfortunately, an external resistor cannot track the internal
devices properly, so temperature and unit-to-unit variations
of hysteresis are increased. The relationship between the
resistor and resulting hysteresis level is not linear, but a 1.5k
resistor will approximately halve the nominal value.
The time delay of the EL2252 will increase by about 0.7ns
when using full hysteresis.
The EL2252 is specifically designed to be tolerant of large
inputs. It will exhibit very much increased delay times for
input overdrives below 100mV. If very small overdrives must
be sensed, the EL2018 or EL2019 comparators would be
good choices, although they lose accuracies with signal
input Slew Rates above 400V/µs. The EL2252 keeps its
timing accuracy with input Slew Rates between 100V/µs and
4000V/µs of input Slew Rate.
The output stage drives tens of pF load capacitances without
increased overshoot, but propagation delay increases about
ONE COMPARATOR
EL2252


Similar Part No. - EL2252

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2252 ELANTEC-EL2252 Datasheet
300Kb / 12P
   Dual 50 MHz Comparator/Pin Receiver
EL2252C ELANTEC-EL2252C Datasheet
300Kb / 12P
   Dual 50 MHz Comparator/Pin Receiver
EL2252CM ELANTEC-EL2252CM Datasheet
300Kb / 12P
   Dual 50 MHz Comparator/Pin Receiver
EL2252CN ELANTEC-EL2252CN Datasheet
300Kb / 12P
   Dual 50 MHz Comparator/Pin Receiver
More results

Similar Description - EL2252

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2252C ELANTEC-EL2252C Datasheet
300Kb / 12P
   Dual 50 MHz Comparator/Pin Receiver
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com