Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2257CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2257CS
Description  125MHz Single Supply, Clamping Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2257CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL2257CS Datasheet HTML 1Page - Intersil Corporation EL2257CS Datasheet HTML 2Page - Intersil Corporation EL2257CS Datasheet HTML 3Page - Intersil Corporation EL2257CS Datasheet HTML 4Page - Intersil Corporation EL2257CS Datasheet HTML 5Page - Intersil Corporation EL2257CS Datasheet HTML 6Page - Intersil Corporation EL2257CS Datasheet HTML 7Page - Intersil Corporation EL2257CS Datasheet HTML 8Page - Intersil Corporation EL2257CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
IOUT
Output Current (Note 1)
VS = ±5V, AV = 1, RL = 10Ω to 0V
±75
±100
mA
VS = ±5V, AV = 1, RL = 50Ω to 0V
±60
mA
IOUT,OFF
Output Current - Disabled
VENABLE = 0.5V
0
20
µA
VIH-EN
ENABLE Pin Voltage for Power-
up
Relative to GND pin
2.0
V
VIL-EN
ENABLE Pin Voltage for Shut-
down
Relative to GND pin
0.5
V
IIH-EN
ENABLE Pin Input Current -
High(Note 2)
VS = VCLAMP = 12V, VENABLE = 12V
340
410
µA
IIL-EN
ENABLE Pin Input Current - Low
(Note 2)
VS = VCLAMP = 12V, VENABLE = 0.5V
0
1
µA
VOR-CL
Voltage Clamp Operating
Range (Note 3)
Relative to GND pin
1.2
VOP
V
VACC-CL
CLAMP Accuracy (Note 4)
VIN = 4V, RL = 1kΩ to GND, VCLAMP = 1.5V and 3.5V
-250
100
250
mV
IIH-CL
CLAMP Pin Input Current - High VS = VCLAMP = 12V
12
25
µA
IIL-CL
CLAMP Pin Input Current - Low
(per amp)
VS = 12V, VCLAMP = 1.2V
-30
-15
µA
NOTES:
1. Internal short circuit protection circuitry has been built into the EL2257. See the Applications section.
2. If the disable feature is not desired, tie the ENABLE pins to the VS pin, or apply a logic high level to the ENABLE pins.
3. The maximum output voltage that can be clamped is limited to the maximum positive output Voltage, or VOP. Applying a voltage higher than VOP
inactivates the clamp. If the clamp feature is not desired, either tie the CLAMP pin to the VS pin, or simply let the CLAMP pin float.
4. The clamp accuracy is affected by VIN and RL. See the Typical Curves Section and the Clamp Accuracy vs VIN and RL curve.
DC Electrical Specifications
VS = +5V, GND = 0V, TA = 25°C, VCM = 1.5V, VOUT = 1.5V, VCLAMP = +5V, VENABLE = +5V, unless
otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Closed Loop AC Electrical Specifications VS = +5V, GND = 0V, TA = 25°C, VCM = +1.5V, VOUT = +1.5V, VCLAMP = +5V, VENABLE
= +5V, AV = +1, RF = 0Ω, RL = 150Ω to GND pin unless otherwise specified. (Note 1)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth
(VOUT = 400mVP-P)
VS = 5V, AV = 1, RF = 0Ω
125
MHz
VS = 5V, AV = -1, RF = 500Ω
60
MHz
VS = 5V, AV = 2, RF = 500Ω
60
MHz
VS = 5V, AV = 10, RF = 500Ω
6MHz
VS = 12V, AV = 1, RF = 0Ω
150
MHz
VS = 3V, AV = 1, RF = 0Ω
100
MHz
BW
±0.1dB Bandwidth
(VOUT = 400mVP-P)
VS = 12V, AV = 1, RF = 0Ω
25
MHz
VS = 5V, AV = 1, RF = 0Ω
30
MHz
VS = 3V, AV = 1, RF = 0Ω
20
MHz
GBWP
Gain Bandwidth Product
VS = 12V, @ AV = 10
60
MHz
PM
Phase Margin
RL = 1kΩ, CL = 6pF
55
°
SR
Slew Rate
VS = 10V, RL = 150Ω, VOUT = 0V to 6V
200
275
V/µs
VS = 5V, RL = 150Ω, VOUT = 0V to +3V
300
V/µs
tR,tF
Rise Time, Fall Time
±0.1V step
2.8
ns
OS
Overshoot
±0.1V step
10
%
tPD
Propagation Delay
±0.1V step
3.2
ns
EL2257


Similar Part No. - EL2257CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2257CS ELANTEC-EL2257CS Datasheet
1Mb / 21P
   125 MHz Single Supply, Clamping Op Amps
More results

Similar Description - EL2257CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2150C ELANTEC-EL2150C Datasheet
488Kb / 20P
   125 MHz Single Supply, Clamping Op Amps
EL2257C ELANTEC-EL2257C Datasheet
1Mb / 21P
   125 MHz Single Supply, Clamping Op Amps
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
   Precision, Single Supply Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com