Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4089 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4089
Description  DC Restored Video Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4089 Datasheet(HTML) 3 Page - Intersil Corporation

  EL4089 Datasheet HTML 1Page - Intersil Corporation EL4089 Datasheet HTML 2Page - Intersil Corporation EL4089 Datasheet HTML 3Page - Intersil Corporation EL4089 Datasheet HTML 4Page - Intersil Corporation EL4089 Datasheet HTML 5Page - Intersil Corporation EL4089 Datasheet HTML 6Page - Intersil Corporation EL4089 Datasheet HTML 7Page - Intersil Corporation EL4089 Datasheet HTML 8Page - Intersil Corporation EL4089 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
NOTES:
1. Test fixture was designed to minimize capacitance at the IN- input. A “good” fixture should have less than 2pF of stray capacitance to ground at
this very sensitive pin. See application notes for further details.
2. SR measured at 20% to 80% of a 4VPK-PK square wave.
3. DC offset from -0.714V through +0.714V, ac amplitude is 286mVP-P, equivalent to 40 IRE.
Closed-Loop AC Electrical Specifications
Provisional Supplies at ±15V, Load = 150
Ω and 15pF. R
F and RG = 300Ω; AV = 2,
TA = 25°C. (Note 1)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
AMPLIFIER SECTION
SR
Slew Rate (Note 2)
500
V/µs
SR
Slew Rate with ±5V Supplies (Note 2)
275
V/µs
BW
Bandwidth ±5V Supplies
-3dB
60
MHz
-3dB
55
MHz
BW
Bandwidth ±5V Supplies
±0.1dB
25
MHz
±0.1dB
23
MHz
dG
Differential Gain at 3.58MHz (Note 3)
VS = ±15V
0.02
%
VS = ±5V
0.03
%
dPh
Differential Phase at 3.58MHz (Note 3)
VS = ±15V
0.05
°
VS = ±5V
0.06
°
RESTORE SECTION
SR
Restore Amplifier Slew Rate (Test Circuit) 20%--80%
25
V/µs
THE
Time to Enable Hold
25
ns
THD
Time to Disable Hold
40
ns
EL4089


Similar Part No. - EL4089

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4089 ELANTEC-EL4089 Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
EL4089CN ELANTEC-EL4089CN Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
EL4089CN RENESAS-EL4089CN Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
More results

Similar Description - EL4089

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
   DC-Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Renesas Technology Corp
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
   100 MHz DC-Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
   300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com