Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4095 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL4095
Description  Video Gain Control/Fader/Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL4095 Datasheet HTML 4Page - Intersil Corporation EL4095 Datasheet HTML 5Page - Intersil Corporation EL4095 Datasheet HTML 6Page - Intersil Corporation EL4095 Datasheet HTML 7Page - Intersil Corporation EL4095 Datasheet HTML 8Page - Intersil Corporation EL4095 Datasheet HTML 9Page - Intersil Corporation EL4095 Datasheet HTML 10Page - Intersil Corporation EL4095 Datasheet HTML 11Page - Intersil Corporation EL4095 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Typical Performance Curves (Continued)
Gain vs VG (1 VDC at VINA)
Gain Control Gain vs Frequency
Gain Control Response to a Non-Overloading
Step, Constant Sinewave at VINA
VGAIN Overload Recovery Delay
VGAIN Overload Recovery
Response—No AC Input
Cross-Fade Balance -0V on
AIN and BIN; Gain = +1
EL4095


Similar Part No. - EL4095

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4095 ELANTEC-EL4095 Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
EL4095CN ELANTEC-EL4095CN Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
EL4095CS ELANTEC-EL4095CS Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
More results

Similar Description - EL4095

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com