Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4450CN Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL4450CN
Description  Wideband Four-Quadrant Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4450CN Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL4450CN Datasheet HTML 2Page - Intersil Corporation EL4450CN Datasheet HTML 3Page - Intersil Corporation EL4450CN Datasheet HTML 4Page - Intersil Corporation EL4450CN Datasheet HTML 5Page - Intersil Corporation EL4450CN Datasheet HTML 6Page - Intersil Corporation EL4450CN Datasheet HTML 7Page - Intersil Corporation EL4450CN Datasheet HTML 8Page - Intersil Corporation EL4450CN Datasheet HTML 9Page - Intersil Corporation EL4450CN Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
The maximum dissipation a package can offer is:
PD,max = (TJ,max–TA,max)/θJA
Where
TJ,max is the maximum junction temperature, 150°C for
reliability, less to retain optimum electrical performance
TA,max is the ambient temperature, 70°C for commercial
and 85°C for industrial range
θJA is the thermal resistance of the mounted package,
obtained from data sheet dissipation curves
The more difficult case is the SO-14 package. With a
maximum junction temperature of 150°C and a maximum
ambient temperature of 85°C, the 65°C temperature rise and
package thermal resistance of 120°/W gives a dissipation of
542mW at 85°C. This allows the full maximum operating
supply voltage unloaded, but reduced if loaded significantly.
Output Loading
The output stage is very powerful. It typically can source
85mA and sink 120mA. Of course, this is too much current to
sustain and the part will eventually be destroyed by
excessive dissipation or by metal traces on the die opening.
The metal traces are completely reliable while delivering the
30mA continuous output given in the Absolute Maximum
Ratings table in this data sheet, or higher purely transient
currents.
Gain accuracy degrades only 0.2% from no load to 100
load. Heavy resistive loading will degrade frequency
response and video distortion for loads < 100
Ω.
Capacitive loads will cause peaking in the frequency
response. If a capacitive load must be driven, a small-valued
series resistor can be used to isolate it. 12
Ω to 51Ω should
suffice. A 22
Ω series resistor will limit peaking to 2.5dB with
even a 220pF load.
Mixer Applications
Because of its lower distortion levels, the Y input is the better
choice for a mixer’s signal port. The X input would receive
oscillator amplitudes of about 1V RMS maximum. Carrier
suppression is initially limited by the offset voltage of the Y
input, 20mV maximum, and is about 37dB worst-case. Better
suppression can be obtained by nulling the offset of the X
input. Similarly, nulling the offset of the Y input will improve
signal-port suppression. Driving an input differentially will
also maximize feedthrough suppression at frequencies
beyond 10MHz.
AC Level Detectors
Square-law converters are commonly used to convert AC
signals to DC voltages corresponding to the original
amplitude in subsystems like automatic gain controls (AGCs)
and amplitude-stabilized oscillators. Due to the controlled AC
amplitudes, the inputs of the multiplier will see a relatively
constant signal level. Best performance will be obtained for
inputs between 200mVRMS and 1VRMS. The traditional use
of the EL4450 as an AGC detector and control loop would
be:
The EL4450 simply provides an output equal to the square
of the input signal and an integrator filters out the AC
component, while comparing the DC component to an
amplitude reference. The integrator output is the DC control
voltage to the variable-gain sections of the AGC (not shown).
If a negative polarity of reference is required, one of the
multiplier input terminal pairs is reversed, inverting the
multiplier output. Input bias current will cause input voltage
offsets due to source impedances; putting a compensating
resistor in series with the grounded inputs of the EL4450 will
reduce this offset greatly.
This control system will attempt to force:
VIN,RMS
2/4=V
REF
FIGURE 1. TRADITIONAL AGC DETECTOR/DC
FEEDBACK CIRCUIT
EL4450


Similar Part No. - EL4450CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4450CN ELANTEC-EL4450CN Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
More results

Similar Description - EL4450CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com