Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4453CN Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4453CN
Description  Video Fader
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4453CN Datasheet(HTML) 3 Page - Intersil Corporation

  EL4453CN Datasheet HTML 1Page - Intersil Corporation EL4453CN Datasheet HTML 2Page - Intersil Corporation EL4453CN Datasheet HTML 3Page - Intersil Corporation EL4453CN Datasheet HTML 4Page - Intersil Corporation EL4453CN Datasheet HTML 5Page - Intersil Corporation EL4453CN Datasheet HTML 6Page - Intersil Corporation EL4453CN Datasheet HTML 7Page - Intersil Corporation EL4453CN Datasheet HTML 8Page - Intersil Corporation EL4453CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Test Circuit
Open-Loop DC Electrical Specifications
Power supplies at ±12V, TA = 25°C, RL = 500Ω, CL = 15pF, VFADE = 1.5V, Sum+ =
Sum- = 0
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW, -3dB
-3dB Small-Signal Bandwidth, VINA or VINB80
MHz
BW, ±0.1dB
0.1dB Flatness Bandwidth, VINA or VINB9
MHz
Peaking
Frequency Response Peaking
1.0
dB
BW, Fade
-3dB Small-Signal Bandwidth, Fade Input
80
MHz
SR
Slew Rate, VOUT between -2V and +2V
TBD
380
V/µs
VN
Input-Referred Noise Voltage Density
160
nV/Hz
FT
Feedthrough of Faded-Out Channel, F = 3.58MHz
-63
dB
dG
Differential Gain Error, VOFFSET from 0 to ±0.714V,
Fade at 100%
VINA or VINB0.05
%
Sum Input
0.35
%
d
θ
Differential Phase Error, VOFFSET from 0 to ±0.71V,
Fade at 100%
VINA or VINB0.05
(°)
Sum Input
0.1
(°)
Note: For typical performance curves Sum+ = Sum- = 0, RF = 0W, RG = ∞,
VFADE = +1.5V, and CL = 15pF, unless otherwise noted.
EL4453


Similar Part No. - EL4453CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4453CN ELANTEC-EL4453CN Datasheet
297Kb / 12P
   Video Fader
More results

Similar Description - EL4453CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
logo
Intersil Corporation
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
   Video Gain Control/Fader/Multiplexer
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
logo
Rohm
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
   Vocal fader IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com