Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC4016J Datasheet(PDF) 5 Page - ON Semiconductor

Part # 54HC4016J
Description  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

54HC4016J Datasheet(HTML) 5 Page - ON Semiconductor

  54HC4016J Datasheet HTML 1Page - ON Semiconductor 54HC4016J Datasheet HTML 2Page - ON Semiconductor 54HC4016J Datasheet HTML 3Page - ON Semiconductor 54HC4016J Datasheet HTML 4Page - ON Semiconductor 54HC4016J Datasheet HTML 5Page - ON Semiconductor 54HC4016J Datasheet HTML 6Page - ON Semiconductor 54HC4016J Datasheet HTML 7Page - ON Semiconductor 54HC4016J Datasheet HTML 8Page - ON Semiconductor 54HC4016J Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC54/74HC4016
High–Speed CMOS Logic Data
DL129 — Rev 6
5
MOTOROLA
160
140
120
100
80
60
40
20
0
0
.5
1.0 1.5
2.0
2.5
3.0
3.5 4.0
4.5
5.0
5.5
6.0
120
100
80
60
40
20
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
80
70
60
50
40
30
20
10
0
0
1.0
2.0 3.0 4.0
5.0
6.0
7.0 8.0
9.0 10.0 11.0 12.0
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Figure 1b. Typical On Resistance, VCC = 4.5 V
Figure 1d. Typical On Resistance, VCC = 9.0 V
Figure 1c. Typical On Resistance, VCC = 6.0 V
Figure 1e. Typical On Resistance, VCC = 12.0 V
3000
2500
2000
1500
1000
500
0
0
.25
.50
.75
1.00
1.25
1.5
1.75
2.00
300
250
200
150
100
50
0
0
.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Figure 1a. Typical On Resistance, VCC = 2.0 V
125
°C
25
°C
– 55
°C
125
°C
25
°C
– 55
°C
125
°C
25
°C
– 55
°C
125
°C
25
°C
– 55
°C
125
°C
25
°C
– 55
°C
Figure 2. On Resistance Test Set–Up
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
+
ANALOG IN
COMMON OUT
GND
DEVICE
UNDER TEST


Similar Part No. - 54HC4016J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54HC4016J NSC-54HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
More results

Similar Description - 54HC4016J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com