Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6201CW-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL6201CW-T7
Description  Low Power 430MHz HFM Oscillator w/Disable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6201CW-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL6201CW-T7 Datasheet HTML 1Page - Intersil Corporation EL6201CW-T7 Datasheet HTML 2Page - Intersil Corporation EL6201CW-T7 Datasheet HTML 3Page - Intersil Corporation EL6201CW-T7 Datasheet HTML 4Page - Intersil Corporation EL6201CW-T7 Datasheet HTML 5Page - Intersil Corporation EL6201CW-T7 Datasheet HTML 6Page - Intersil Corporation EL6201CW-T7 Datasheet HTML 7Page - Intersil Corporation EL6201CW-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Curves
FIGURE 1. FREQUENCY vs RFREQ
FIGURE 2. FREQUENCY vs 1000
Ω/RFREQ
FIGURE 3. IOUTp-p vs RAMP
FIGURE 4. IOUTp-p vs 427/RAMP
FIGURE 5. ISUPPLY vs VSUPPLY
FIGURE 6. DISSIPATION vs SUPPLY VOLTAGE
RFREQ (kΩ)
01
23
5
4
400
300
100
0
200
600
500
IOUTp-p = 15mA
TA = 25°C
1000
Ω/RFREQ
03
0
600
12
100
200
500
400
300
IOUTp-p = 15mA
TA = 25°C
RAMP (kΩ)
04
8
12
20
16
20
5
0
10
40
35
30
15
25
FO = 330MHz
TA = 25°C
427/RAMP (kΩ)
0
100
125
150
200
175
20
5
0
10
35
30
15
25
50
75
FO = 330MHz
TA = 25°C
ACTUAL
IDEAL
VSUPPLY (V)
3.0
3.5
4.0
4.5
5.5
5.0
20
5
0
10
35
30
15
25
FO = 330MHz
IOUTp-p = 15mA
TA = 25°C
VSUPPLY (V)
3.0
3.5
4.0
4.5
5.5
5.0
140
80
20
0
40
180
160
120
60
100
FO = 330MHz
IOUTp-p = 15mA
TA = 25°C
EL6201


Similar Part No. - EL6201CW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6201CW-T7 INTERSIL-EL6201CW-T7 Datasheet
233Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
logo
Renesas Technology Corp
EL6201CW-T7 RENESAS-EL6201CW-T7 Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Intersil Corporation
EL6201CW-T7A INTERSIL-EL6201CW-T7A Datasheet
233Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
logo
Renesas Technology Corp
EL6201CW-T7A RENESAS-EL6201CW-T7A Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
More results

Similar Description - EL6201CW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6201 INTERSIL-EL6201_07 Datasheet
233Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
EL6200C ELANTEC-EL6200C Datasheet
35Kb / 2P
   450 MHz HFM Oscillator
logo
Taiwan Semiconductor Co...
TS378R00 TSC-TS378R00 Datasheet
178Kb / 4P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
logo
Fox Electronics
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com