Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4016J Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74HC4016J
Description  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC4016J Datasheet(HTML) 4 Page - ON Semiconductor

  74HC4016J Datasheet HTML 1Page - ON Semiconductor 74HC4016J Datasheet HTML 2Page - ON Semiconductor 74HC4016J Datasheet HTML 3Page - ON Semiconductor 74HC4016J Datasheet HTML 4Page - ON Semiconductor 74HC4016J Datasheet HTML 5Page - ON Semiconductor 74HC4016J Datasheet HTML 6Page - ON Semiconductor 74HC4016J Datasheet HTML 7Page - ON Semiconductor 74HC4016J Datasheet HTML 8Page - ON Semiconductor 74HC4016J Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC54/74HC4016
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND unless noted)
Symbol
Parameter
Test Conditions
VCC
V
Limit*
25
_C
54/74HC
Unit
BW
Maximum On–Channel Bandwidth or
Minimum Frequency Response
(Figure 5)
fin = 1 MHz Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VOS
Increase fin Frequency Until dB Meter Reads – 3 dB
RL = 50 Ω, CL = 10 pF
4.5
9.0
12.0
150
160
160
MHz
Off–Channel Feedthrough Isolation
(Figure 6)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
4.5
9.0
12.0
– 50
– 50
– 50
dB
fin = 1.0 MHz, RL = 50 Ω, CL = 10 pF
4.5
9.0
12.0
– 40
– 40
– 40
Feedthrough Noise, Control to Switch
(Figure 7)
Vin v 1 MHz Square Wave (tr = tf = 6 ns)
Adjust RL at Setup so that IS = 0 A
RL = 600 Ω, CL = 50 pF
4.5
9.0
12.0
60
130
200
mVPP
RL = 10 kΩ, CL = 10 pF
4.5
9.0
12.0
30
65
100
Crosstalk Between Any Two Switches
(Figure 12)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
4.5
9.0
12.0
– 70
– 70
– 70
dB
fin = 1.0 MHz, RL = 50 Ω, CL = 10 pF
4.5
9.0
12.0
– 80
– 80
– 80
THD
Total Harmonic Distortion
(Figure 14)
fin = 1 kHz, RL = 10 kΩ, CL = 50 pF
THD = THDMeasured – THDSource
VIS = 4.0 VPP sine wave
VIS = 8.0 VPP sine wave
VIS = 11.0 VPP sine wave
4.5
9.0
12.0
0.10
0.06
0.04
%
* Guaranteed limits not tested. Determined by design and verified by qualification.


Similar Part No. - 74HC4016J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74HC4016J NSC-74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
More results

Similar Description - 74HC4016J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com