Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457CU-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7457CU-T7
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CU-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7457CU-T7 Datasheet HTML 1Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 2Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 3Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 4Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 5Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 6Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 7Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 8Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN7288.3
January 3, 2005
Electrical Specifications
VS+ = +15V, VS- = 0V, VH = +15V, VL = 0V, TA = 25°C, unless otherwise specified
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
VIH = 5V
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
OUTPUT
ROH
ON Resistance VH to OUT
IOUT = -100mA
3.5
5
ROL
ON Resistance VL to OUT
IOUT = +100mA
3
5
ILEAK
Output Leakage Current
VH = VS+, VL = VS-0.1
10
µA
IPK
Peak Output Current
Source
2.0
A
Sink
2.0
A
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+0.8
2
mA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 1000pF
11
ns
tF
Fall Time
CL = 1000pF
12
ns
tRF∆
tR, tF Mismatch
CL = 1000pF
1
ns
tD+Turn-Off Delay Time
CL = 1000pF
11.5
ns
tD-Turn-On Delay Time
CL = 1000pF
13
ns
tDD
tD-1 - tD-2 Mismatch
CL = 1000pF
1.5
ns
tENABLE
Enable Delay Time
12
ns
tDISABLE
Disable Delay Time
12
ns
EL7457


Similar Part No. - EL7457CU-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457CU ELANTEC-EL7457CU Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ RENESAS-EL7457CUZ Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ-T13 INTERSIL-EL7457CUZ-T13 Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ-T13 RENESAS-EL7457CUZ-T13 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL7457CU-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com