Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457CUZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7457CUZ-T7
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CUZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7457CUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 9Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN7288.3
January 3, 2005
FIGURE 7. PROPAGATION DELAY vs TEMPERATURE
FIGURE 8. RISE/FALL TIME vs LOAD
FIGURE 9. SUPPLY CURRENT PER CHANNEL vs
CAPACITIVE LOAD
FIGURE 10. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
CL=1000pF
VS+=15V
18
14
12
8
6
-50
0
50
100
125
TEMPERATURE (°C)
10
25
75
-25
16
tD2
tD1
VS+=15V
140
120
100
20
0
100
1K
4.7K
10K
LOAD CAPACITANCE (pF)
tF
tR
60
2.2K
470
80
40
VS+=VH=10V
VS-=VL=0V
f=100kHz
12
8
6
2
0
100
1K
10K
LOAD CAPACITANCE (pF)
4
10
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.2
0.8
0.6
0.2
0
0
75
150
AMBIENT TEMPERATURE (°C)
0.4
1
25
100
50
125
85
909mW
667mW
633mW
θJA=150°C/W
QFN16
θJA=110°C/W
SO16 (0.150”)
θJA=158°C/W
QSOP16 (0.150”)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
3
2
1.5
0.5
0
0
75
150
AMBIENT TEMPERATURE (°C)
1
2.5
25
100
50
125
85
2.500W
1.250W
893mW
θJA=112°C/W
QSOP16 (0.150”)
θJA=40°C/W
QFN16
θJA=80°C/W
SO16 (0.150”)
EL7457


Similar Part No. - EL7457CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7457CUZ-T7 INTERSIL-EL7457CUZ-T7 Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ-T7 RENESAS-EL7457CUZ-T7 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ-T7A INTERSIL-EL7457CUZ-T7A Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ-T7A RENESAS-EL7457CUZ-T7A Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL7457CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com