Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V4R01J-15 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M5M5V4R01J-15
Description  4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V4R01J-15 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M5V4R01J-15 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V4R01J-15 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V4R01J-15 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V4R01J-15 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V4R01J-15 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V4R01J-15 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M5M5V4R01J-12,-15
4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
MITSUBISHI LSIs
2
The operation mode of the M5M5V4R01J is determined by a
combination of the device control inputs S, W and OE. Each
mode is summarized in the function table.
A write cycle is executed whenever the low level W overlaps
with the low level S. The address must be set-up before the
write cycle and must be stable during the entire cycle.
The data is latched into a cell on the trailing edge of W or S,
whichever occurs first, requiring the set-up and hold time
relative to these edge to be maintained. The output enable
input OE directly controls the output stage. Setting the OE at
a high level, the output stage is in a high impedance state,
and the data bus
contention problem in the write cycle is eliminated.
A read cycle is excuted by setting W at a high level and OE
at a low level while S are in an active state (S=L).
When setting S at high level, the chip is in a non-selectable
mode in which both reading and writing are disable. In this
mode, the output stage is in a high-impedance state, allowing
OR-tie with other chips and memory expansion by S.
Signal-S controls the power-down feature. When S goes
high, power dissapation is reduced extremely. The access time
from S is equivalent to the address access time.
The RAM works with an organization of 4194304-word by 1
bit,when B1/B4 is low of floating. And an organization of 10485
76-word by 4bit is also obtained for reducing the test time,
when B1/B4 is high.
FUNCTION
Icc
S
W
OE
H
Mode
Non selection
Stand by
D
High-impedance
XX
FUNCTION TABLE
L
Write
Active
Din
L
X
L
Read
Active
HL
L
Active
High-impedance
HH
Q
Dout
High-impedance
High-impedance
High-impedance
High-impedance
ABSOLUTE MAXIMUM RATINGS
Operating temperature
V cc
VI
VO
Pd
Topr
Tstg
V
V
V
mW
-2.0 ~ 4.6
1000
0 ~ 70
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Storage temperature (bias)
Symbol
Unit
Conditions
With respect to GND
Ratings
*
Tstg(bias)
Storage temperature
-10 ~ 85
VIH
VIL
VOH
V
V
V
Vcc+0.3
0.8
2.2
2.0
VOL
0.4
Symbol
Parameter
Max
Typ
Limits
Min
Condition
Unit
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
I I
I CC1
I CC2
I CC3
mA
mA
160
I OZ
2
10
AC
DC
10
Input current
Active supply current
(TTL level)
Stand by current
(TTL level)
Output current in off-state
Stand by current
90
100
150
12ns cycle
V
15ns cycle
mA
75
AC
DC
50
70
12ns cycle
15ns cycle
1
-2.0 ~ VCC+0.5
*
-65 ~ 150
C
C
C
Ta=25 C
*Pulse width
≤ 20ns, In case of DC:-0.5V
-0.3
µA
µA
IOH =-4mA
IOL= 8mA
V I = 0~Vcc
VI (S)= VIL
other inputs V IH or VIL
Output-open(duty 100%)
VI (S)= Vcc
≥0.2V
other inputs VI
≤0.2V
or VI
≥Vcc-0.2V
VI (S)= VIH
VI (S)= VIH
VO= 0~Vcc
-2.0 ~ VCC+0.5
*
DC ELECTRICAL CHARACTERISTICS
+10%
-5%
(Ta=0 ~ 70 C, Vcc=3.3V
unless otherwise noted)


Similar Part No. - M5M5V4R01J-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M5V4R04J-15 MITSUBISHI-M5M5V4R04J-15 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-15 MITSUBISHI-M5M5V4R08J-15 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-20 MITSUBISHI-M5M5V4R08J-20 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V4R01J-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R04AJ-10 MITSUBISHI-M5M54R04AJ-10 Datasheet
44Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M54R04J-12 MITSUBISHI-M5M54R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com