Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7520A Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7520A
Description  4-Channel DC/DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7520A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL7520A Datasheet HTML 5Page - Intersil Corporation EL7520A Datasheet HTML 6Page - Intersil Corporation EL7520A Datasheet HTML 7Page - Intersil Corporation EL7520A Datasheet HTML 8Page - Intersil Corporation EL7520A Datasheet HTML 9Page - Intersil Corporation EL7520A Datasheet HTML 10Page - Intersil Corporation EL7520A Datasheet HTML 11Page - Intersil Corporation EL7520A Datasheet HTML 12Page - Intersil Corporation EL7520A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN7318.0
July 12, 2005
EL7520, EL7520A
Typical Application
Applications Information
The EL7520 and EL7520A provide a multiple output power
supply solution for TFT-LCD applications. The system
consists of a high efficiency boost controller and three low
cost linear-regulator controllers (VON, VOFF, and VLOGIC).
The block diagram of the whole part is shown in Figure 24.
Table 1 lists the recommended components.
PG
VDDP
CDELAY
VDD
VREF
DRVL
FBL
SGND
PGND
DRVB
FBB
ISAD
DRVP
FBP
DRVN
FBN
C1
C0
L1
Q1
VIN
C7
C41
R43
21.7K
C31
R41
VREF
VLGC
VOFF
VREF
R21
R22
R23
R12
R13
200K
R11
Q21
C25
C24
D21
LX
C14
C13
D12
C12
C11
D11
Q11
C23
Q2
R1
C2
VBOOST
D1
VON
LX
LX
C20
C15
ISIN
DELB
R0
500k
1000pF
C10
0.1µF
0.1µF
R6
10
C6
4.7µF
R7
10K
EN
C22
0.1µF
0.1µF
500
2.5V
20K
CINT
10µFx2
6.8µH
C3
10µF
R9
1M
C16
0.01µF
10µF
R8
10K
62.5K
R2
7.5K
R20
2.2nF
0.1µF
20K
R16
0.1µF
0.1µF
230K
20K
1µF
0.1µF
20V
-8V
3K
104K
20K
4.7µF
0.1µF
12V
C9
0.1µF
7K
R42
NODE 1
0.1µF
NODE 1
10µF
Q3
Q31
VREF
TABLE 1. RECOMMENDED COMPONENTS
DESIGNATION
DESCRIPTION
C1, C2, C3, C31 10µF, 16V, X7R ceramic capacitor (1206)
TDK C3216X7R1C106M
C20
4.7µF, 16V X5R ceramic capacitor (1206)
TDK C3216X5R1A475K
C15
1µF, 25V X7R ceramic capacitor (1206)
TDK C3216X7R1E105K
D1
1A 20V low leakage schottky rectifier (CASE
457-04) ON SEMI MBRM120ET3
D11, D12, D21
200mA 30V schottky barrier diode (SOT-23)
Fairchild BAT54S
L1
6.8mH 1.3A inductor
TDK SLF6025T-6R8M1R3-PF
Q1
-2.4 -20V P-channel 1.8V specified
PowerTrench MOSFET (SuperSOT-3)
Fairchild FDN304P
Q2
6.3A 30V single N-channel logic level
PowerTrench MOSFET (SOT-23)
Fairchild FDC655AN
Q3
-2A –30V single P-channel logic level
PowerTrench MOSFET (SuperSOT-3)
Fairchild FDN360P
Q11
200mA 40V PNP amplifier (SOT-23)
Fairchild MMBT3906
Q21
200mA 40V NPN amplifier (SOT-23)
Fairchild MMBT3904
Q31
1A 30V PNP low saturation amplifier (SOT-23)
Fairchild FMMT549
TABLE 1. RECOMMENDED COMPONENTS (Continued)
DESIGNATION
DESCRIPTION


Similar Part No. - EL7520A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7520AILZ RENESAS-EL7520AILZ Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
EL7520AILZ-T13 RENESAS-EL7520AILZ-T13 Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
EL7520AILZ-T7 RENESAS-EL7520AILZ-T7 Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
More results

Similar Description - EL7520A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7520 RENESAS-EL7520 Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
logo
Princeton Technology Co...
PT16972 PTC-PT16972 Datasheet
429Kb / 4P
   4-Channel 100mA LED Driver with DC-DC Controller
logo
Infineon Technologies A...
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
   Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
   1-channel DC/DC converter controller
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
   6-Channel DC-DC Controller for DSC
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
   4-ch Output DC-DC Converter Controller IC
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
   4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
logo
Generalplus Technology ...
GPCDXLXXXA GENERALPLUS-GPCDXLXXXA Datasheet
1Mb / 18P
   Multi-Channel Sound Controller with DC-DC Booster
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com