Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7551CU-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7551CU-T7
Description  Monolithic 1Amp DC:DC Step-down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7551CU-T7 Datasheet(HTML) 6 Page - Intersil Corporation

  EL7551CU-T7 Datasheet HTML 1Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 2Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 3Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 4Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 5Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 6Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 7Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 8Page - Intersil Corporation EL7551CU-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Typical Performance Curves (Continued)
Block Diagram
Releasing EN
VIN=5V, VO=3.8V, IO=1A
Shut-Down
VIN=5V, VO=3.8V, IO=1A
Short-Circuit Protection
VIN=5V
VIN
VO
EN
VO
iO
VO
Power-Down
VIN=5V, VO=3.8V, IO=1A
VIN
VO
Drivers
PWM
Controller
Current
Sense
Voltage
Reference
Thermal
Shut-down
Oscillator
0.1µF
39
Controller
Supply
SGND
Power
Power
FET
FET
270pF
0.1µF
0.1µF
10µH
VOUT
2370
1k
47µF
VREF
COSC
VHI
VIN
PGND
VDD
VDRV
FB
EN
EL7551


Similar Part No. - EL7551CU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7551CU-T7 INTERSIL-EL7551CU-T7 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU-T7 RENESAS-EL7551CU-T7 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
More results

Similar Description - EL7551CU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com