Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7564CRE-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7564CRE-T13
Description  Monolithic 4 Amp DC/DC Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7564CRE-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7564CRE-T13 Datasheet HTML 1Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 2Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 3Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 4Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 5Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 6Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 7Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 8Page - Intersil Corporation EL7564CRE-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN7297.3
May 9, 2005
Pin Descriptions
20-PIN SO
(0.300”)
28-PIN
HTSSOP
PIN NAME
PIN FUNCTION
1
1
VREF
Bandgap reference bypass capacitor; typically 0.1µF to SGND
2
2
SGND
Control circuit negative supply or signal ground
3
3
COSC
Oscillator timing capacitor (see performance curves)
4
4
VDD
Control circuit positive supply; normally connected to VIN through an RC filter
5
5
VTJ
Junction temperature monitor; connected with 2.2nF to 3.3nF to SGND
6, 7
6, 7, 8, 9
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS
power FET
8
10, 11
VIN
Power supply input of the regulator; connected to the drain of the high-side NMOS power FET
9
13
STP
Auxiliary supply tracking positive input; tied to regulator output to synchronize start up with a
second supply; leave open for stand alone operation; 2µA internal pull down current
10
14
STN
Auxiliary supply tracking negative input; connect to output of a second supply to synchronize
start up; leave open for stand alone operation; 2µA internal pull up current
11, 12, 13
15, 16
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS
power FET
14, 15
18, 19, 20, 21,
22, 23
LX
Inductor drive pin; high current output whose average voltage equals the regulator output
voltage
16
24
VHI
Positive supply of high-side driver; boot strapped from VDRV to LX with an external 0.22µF
capacitor
17
25
VDRV
Positive supply of low-side driver and input voltage for high side boot strap
18
26
PG
Power good window comparator output; logic 1 when regulator output is within ±10% of target
output voltage
19
27
FB
Voltage feedback input; connected to external resistor divider between VOUT and SGND; a
125nA pull-up current forces VOUT to SGND in the event that FB is floating
20
28
EN
Chip enable, active high; a 2µA internal pull up current enables the device if the pin is left open;
a capacitor can be added at this pin to delay the start of converter
Typical Performance Curves
FIGURE 1. EL7564CM EFFICIENCY
FIGURE 2. EL7564CRE EFFICIENCY
VIN=5V
100
60
65
70
75
85
95
04
3.5
3
2.5
2
1
0.5
1.5
LOAD CURRENT IO (A)
VO=3.3V
VO=1.8V
80
90
VO=2.8V
VIN=5V
100
95
90
85
80
75
70
65
60
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
IO (A)
VO=3.3V
VO=1.8V
VO=2.5V
EL7564


Similar Part No. - EL7564CRE-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7564CRE-T13 RENESAS-EL7564CRE-T13 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results

Similar Description - EL7564CRE-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com