Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7564CREZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7564CREZ-T13
Description  Monolithic 4 Amp DC/DC Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7564CREZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7564CREZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 9Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 10Page - Intersil Corporation EL7564CREZ-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN7297.3
May 9, 2005
FIGURE 9. OSCILLATOR FREQUENCY vs TEMPERATURE
FIGURE 10. SWITCHING FREQUENCY vs COSC
FIGURE 11. CURRENT LIMIT vs TJ
FIGURE 12. VTJ vs JUNCTION TEMPERATURE
FIGURE 13. VREF vs DIE TEMPERATURE
FIGURE 14. SWITCHING WAVEFORMS
Typical Performance Curves (Continued)
360
280
350
340
330
320
310
290
-40
80
-20
204060
TEMPERATURE (°C)
0
300
IO=0A
IO=4A
1000
100
900
800
700
500
300
200
100
1000
200
400
600
800
COSC (pF)
900
300
500
700
600
400
8
3
7
6
5
4
-40
120
-20
40
100
TJ (°C)
080
60
20
VIN=4.5V
VIN=5.5V
VIN=5V
1.5
0.9
1.3
1.1
0150
25
JUNCTION TEMPERATURE (°C)
125
50
75
100
1.27
1.256
1.268
1.266
1.264
1.262
1.26
1.258
-50
150
-10
30
70
110
DIE TEMPERATURE (°C)
VIN=5V, VO=3.3V, IO=4A
∆VIN
VLX
iL
∆VO
EL7564


Similar Part No. - EL7564CREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7564CREZ-T13 RENESAS-EL7564CREZ-T13 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results

Similar Description - EL7564CREZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com