Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7630IWTZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7630IWTZ-T7A
Description  White LED Boost Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7630IWTZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

  EL7630IWTZ-T7A Datasheet HTML 1Page - Intersil Corporation EL7630IWTZ-T7A Datasheet HTML 2Page - Intersil Corporation EL7630IWTZ-T7A Datasheet HTML 3Page - Intersil Corporation EL7630IWTZ-T7A Datasheet HTML 4Page - Intersil Corporation EL7630IWTZ-T7A Datasheet HTML 5Page - Intersil Corporation EL7630IWTZ-T7A Datasheet HTML 6Page - Intersil Corporation EL7630IWTZ-T7A Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FN7371.0
June 28, 2005
For a required LED current ILED and chosen values of R1
and R2, the dimming DC voltage VDim can be expressed as:
It is clear that as the required LED current ILED is closed to
the rate current VFB/RSET, VDim is closed to VFB. As the
required LED current is lower than the rate current, the
dimming DC voltage VDim is increased in R2/R1 factor.
Open-Voltage Protection
In some applications, it is possible that the output is
opened, e.g. when the LEDs are disconnected from the
circuit or the LEDs fail. In this case the feedback voltage
will be zero. The EL7630 will then switch to a high duty
cycle resulting in a high output voltage, which may cause
the LX pin voltage to exceed its maximum 27V rating. To
implement overvoltage protection, a zener diode Dz and a
resistor R1 can be used at the output and FB pin to limit the
voltage on the LX pin as shown in Figure 11. It is clear that
as the zener is turned on, due to the overvoltage, the zener
diode’s current will set up a voltage on R1 and RSET and this
voltage is applied on FB pin as the feedback node. This
feedback will prevent the output from reaching the
overvoltage condition. In the overvoltage protection circuit
design, the zener voltage should be larger than the
maximum forward voltage of the LED string.
Components Selection
The input capacitance is normally 0.22µF~4.7µF and the
output capacitor is 0.22µF~1µF. X5R or X7R type of ceramic
capacitor with the correct voltage rating is recommended.
The output capacitor value will affect PWM dimming
performance. For lower output capacitor values, the range of
PWM dimming is wider than for higher values of output
capacitor.
When choosing an inductor, make sure the inductor can
handle the average and peak currents given by the following
formulas (80% efficiency assumed):
Where:
∆IL is the peak-to-peak inductor current ripple in Ampere
• L inductance in H.
•fOSC switching frequency, typically 1.2MHz
The boost inductor can be chosen in a wide range of
inductance (10µH~82µH). For 10µH inductor value, the
boost inductor current will be in discontinuous mode. As the
inductor value decreases further, the ripple of the boost
inductor current is increased and can even trigger
overcurrent protection. For high boost inductor value, the
boost inductor current will be in continuous mode. For
general boost converter, as the converter operates in
continuous mode, there is right half plane zero (RHPZ). If
RHPZ frequency is less than or close to the control loop
crossover frequency, there is a stability issue. In EL7630, the
compensation network is well designed and there is no
RHPZ stability issue even if the inductor value is over 82µH.
For the same series of inductors, a lower inductance has
lower DC resistance (DCR), which causes less conducting
loss, but higher peak to peak current variation, which
generates more RMS current loss. Figure 12 shows the
efficiency of the demo board with different LED load for a
specific series of inductor.
The diode used should be a schottky type with minimum
reverse voltage of 28V. The diode’s peak current is the same
as the inductor’s peak current. The schottky RMS current is:
EL7630
C1
VDD
LX
ENAB
FB
GND
L1
22µH
D1
C2
0.22µF
RSET
4.75
OFF/ON
LEDs
1µF
LX
VIN
2.7V~5.5V
R1
R2
DIMMING SIGNAL
FIGURE 10. ANALOG DIMMING CONTROL APPLICATION
CIRCUIT
VDim
VFB VFB ILED
RSET
()
+
R2
R1
-------
=
(EQ. 5)
EL7630
C1
L1
22µH
D1
C2
0.22µF
RSET
4.75
2.7V~5.5V
OFF/ON
LEDs
1µF
VDD
LX
ENAB FB
GND
VIN
R1
Dz
FIGURE 11. LED DRIVER WITH OVERVOLTAGE
PROTECTION CIRCUIT
ILAVG
ILED VOUT
0.8 VIN
---------------------------------
=
(EQ. 6)
ILPK
ILAVG
1
2
---
IL
+
=
(EQ. 7)
IL
VIN VOUT VIN
()
LVOUT fOSC
⋅⋅
---------------------------------------------------
=
(EQ. 8)
IRMS
D2 ILAVG
2
1
6
---
IL
2
+


=
(EQ. 9)
EL7630


Similar Part No. - EL7630IWTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7630IWTZ-T7A INTERSIL-EL7630IWTZ-T7A Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630IWTZ-T7A RENESAS-EL7630IWTZ-T7A Datasheet
388Kb / 7P
   White LED Boost Regulator
More results

Similar Description - EL7630IWTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
   White LED Boost Regulator
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Sipex Corporation
SP6691 SIPEX-SP6691_07 Datasheet
698Kb / 15P
   SOT23Micro Power Boost Regulator Series White LED Driver
SP6690 SIPEX-SP6690 Datasheet
270Kb / 16P
   Micro Power Boost Regulator Series White LED Driver
SP6691 SIPEX-SP6691 Datasheet
253Kb / 15P
   Micro Power Boost Regulator Series White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com