Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2559S15X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN2559S15X
Description  180mA Low Voltage CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2559S15X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2559S15X Datasheet HTML 6Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 7Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 8Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 9Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 10Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 11Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 12Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 13Page - Fairchild Semiconductor FAN2559S15X Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
REV. 1.0.4 3/15/04
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
Typical Performance Characteristics
Unless otherwise specified, CIN = COUT = 1µF, RPG = 47kΩ, TA = 25°C, EN = VIN
Output Voltage vs. Temperature
Output Voltage vs. Temperature
VIN = 5.5V
ILOAD = 0mA
VIN = 5.5V
Junction Temperature (°C)
Junction Temperature (°C)
Junction Temperature (°C)
ILOAD = 0mA
VIN = 5.5V
VIN = 2.7V
Junction Temperature (°C)
Ground Current vs. Temperature
VIN = 2.7V
VIN = 5.5V
ILOAD = 180mA
Junction Temperature (°C)
Enable Response Time vs. Temperature
Power On Response Time vs. Temperature
Junction Temperature (°C))
ILOAD = 180mA
Ground Current vs. Temperature


Similar Part No. - FAN2559S15X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN2559S15X ONSEMI-FAN2559S15X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
More results

Similar Description - FAN2559S15X

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com