Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7641 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7641
Description  TFT-LCD DC/DC with Integrated Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7641 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL7641 Datasheet HTML 5Page - Intersil Corporation EL7641 Datasheet HTML 6Page - Intersil Corporation EL7641 Datasheet HTML 7Page - Intersil Corporation EL7641 Datasheet HTML 8Page - Intersil Corporation EL7641 Datasheet HTML 9Page - Intersil Corporation EL7641 Datasheet HTML 10Page - Intersil Corporation EL7641 Datasheet HTML 11Page - Intersil Corporation EL7641 Datasheet HTML 12Page - Intersil Corporation EL7641 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN7415.1
September 26, 2005
Applications Information
The EL7640, EL7641, EL7642 provide a highly integrated
multiple output power solution for TFT-LCD applications.
The system consists of one high efficiency boost converter
and two low cost linear-regulator controllers (VON and
VOFF) with multiple protection functions. The block diagram
of the whole part is shown in Figure 17. Table 1 lists the
recommended components.
The EL7640, EL7641, EL7642 integrate an N-channel
MOSFET in boost converter to minimize the external
component counts and cost. The VON, VOFF linear-
regulators are independently regulated by using external
resistors. To achieve higher voltage than VBOOST, one or
multiple stage charge pumps may be used.
FIGURE 13. START-UP SEQUENCE
FIGURE 14. OP AMP RAIL-TO-RAIL INPUT/OUTPUT
FIGURE 15. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 16. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
INPUT
VOLTAGE
VBOOST
VON
VOFF
CDEL=220nF
TIME (20ms/DIV)
INPUT
OUTPUT
TIME (50µs/DIV)
JEDEC JESD51-3 AND SEMI G42-88
(SINGLE LAYER) TEST BOARD
0.8
0.7
0.5
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
0.6
0.4
θJA=125°C/W
QFN32
758mW
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD -
QFN EXPOSED DIEPAD SOLDERED TO
PCB PER JESD51-5
3
2.5
2
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
2.857W
θJA=35°C/W
QFN32
125
85
TABLE 1. RECOMMENDED COMPONENTS
DESIGNATION
DESCRIPTION
C1, C2, C3
10µF, 16V X5R ceramic capacitor (1210)
TDK C3216X5R0J106K
D1
1A 20V low leakage schottky rectifier
(CASE 457-04)
ON SEMI MBRM120ET3
D11, D12, D21 200mA 30V schottky barrier diode (SOT-23)
Fairchild BAT54S
L1
6.8µH 1.3A Inductor
TDK SLF6025T-6R8M1R3-PF
Q11
200mA 40V PNP amplifier (SOT-23)
Fairchild MMBT3906
Q21
200mA 40V NPN amplifier (SOT-23)
Fairchild MMBT3904
EL7640, EL7641, EL7642


Similar Part No. - EL7641

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7641 INTERSIL-EL7641 Datasheet
497Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7641 RENESAS-EL7641 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7641A RENESAS-EL7641A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7641AILTZ INTERSIL-EL7641AILTZ Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7641AILTZ RENESAS-EL7641AILTZ Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results

Similar Description - EL7641

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7640 INTERSIL-EL7640_06 Datasheet
497Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Intersil Corporation
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
ISL78020ANZ INTERSIL-ISL78020ANZ Datasheet
347Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com