Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8302IS-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL8302IS-T13
Description  500MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8302IS-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL8302IS-T13 Datasheet HTML 6Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 7Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 8Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 9Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 10Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 11Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 12Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 13Page - Intersil Corporation EL8302IS-T13 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier’s inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
Typical Applications
VIDEO SYNC PULSE REMOVER
Many CMOS analog to digital converters have a parasitic
latch up problem when subjected to negative input voltage
levels. Since the sync tip contains no useful video
information and it is a negative going pulse, we can chop it
off. Figure 31 shows a gain of 2 connections for EL8302.
Figure 32 shows the complete input video signal applied at
the input, as well as the output signal with the negative going
sync pulse removed.
MULTIPLEXER
Besides the normal power down usage, the ENABLE pin of
the EL8302 can be used for multiplexing applications. Figure
33 shows two channels with the outputs tied together, driving
a back terminated 75
Ω video load. A 2VP-P 2MHz sine wave
is applied to Amp A and a 1VP-P 2MHz sine wave is applied
to Amp B. Figure 34 shows the ENABLE signal and the
resulting output waveform at VOUT. Observe the break-
before-make operation of the multiplexing. Amp A is on and
VIN1 is passed through to the output when the ENABLE
signal is low and turns off in about 25ns when the ENABLE
signal is high. About 200ns later, Amp B turns on and VIN2 is
passed through to the output. The break-before-make
operation ensures that more than one amplifier isn’t trying to
drive the bus at the same time.
SINGLE SUPPLY VIDEO LINE DRIVER
The EL8302 is wideband rail-to-rail output op amplifiers with
large output current, excellent dG, dP, and low distortion that
allow them to drive video signals in low supply applications.
Figure 35 is the single supply non-inverting video line driver
configuration and Figure 36 is the inverting video ling driver
configuration. The signal is AC coupled by C1. R1 and R2
are used to level shift the input and output to provide the
largest output swing. RF and RG set the AC gain. C2 isolates
the virtual ground potential. RT and R3 are the termination
resistors for the line. C1, C2 and C3 are selected big enough
to minimize the droop of the luminance signal.
FIGURE 31. SYNC PULSE REMOVER
5V
1K
VOUT
VIN
75
+
-
75
1K
75
VS+
VS-
FIGURE 32. VIDEO SIGNAL
1V
0.5V
0V
1V
0.5V
0V
M = 10µs/DIV
VOUT
VIN
FIGURE 33. TWO TO ONE MULTIPLEXER
+2.5V
1K
2MHz
75
+
-
1K
75
-2.5V
VOUT
75
1VP-P
B
+2.5V
1K
2MHz
+
-
1K
75
-2.5V
2VP-P
A
ENABLE
FIGURE 34.
0V
-0.5V
-1.5V
-2.5V
1V
0V
M = 50ns/DIV
A
ENABLE
B
-1V
EL8302


Similar Part No. - EL8302IS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302IS-T13 RENESAS-EL8302IS-T13 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8302IS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com