Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3873A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL3873A
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3873A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL3873A Datasheet HTML 3Page - Intersil Corporation ISL3873A Datasheet HTML 4Page - Intersil Corporation ISL3873A Datasheet HTML 5Page - Intersil Corporation ISL3873A Datasheet HTML 6Page - Intersil Corporation ISL3873A Datasheet HTML 7Page - Intersil Corporation ISL3873A Datasheet HTML 8Page - Intersil Corporation ISL3873A Datasheet HTML 9Page - Intersil Corporation ISL3873A Datasheet HTML 10Page - Intersil Corporation ISL3873A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. . 3.6V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. . Class 2
Operating Conditions
Voltage . .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. ..+3.3V
Ambient Temperature Range . .. .. .. .. .. .. .. .. .. -40oCto 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
BGAPackage. .. .. .. ... .. .. .. .. .. .. .. .. .. ..
56
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Junction Temperature .. .. .. .. .. .. .. .. . . . . . . .100oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
ICCOP
VCC = 3.6V, CLK Frequency 44MHz
-
-
175
mA
Input Leakage Current
II
VCC = Max, Input = 0V or VCC
-10
1
10
mA
Output Leakage Current
IO
VCC = Max, Input = 0V or VCC
-10
1
10
mA
Logical One Input Voltage
VIH
VCC = Max, Min
0.7VCC
--
V
Logical Zero Input Voltage
VIL
VCC = Min, Max
-
-
0.3V
V
Logical One Output Voltage
VOH
IOH =-1mA, VCC =Min
0.9VCC
--
V
Logical Zero Output Voltage
VOL
IOL =2mA,VCC =Min
-
0.1
0.1VCC
V
Input Capacitance
CIN
CLK Frequency 1MHz. All measurements
referenced to GND. TA =25
oC
-5
10
pF
Output Capacitance
COUT
CLK Frequency 1MHz. All measurements
referenced to GND. TA =25
oC
-5
10
pF
NOTE: All values in this table have not been measured and are only estimates of the performance at this time.
AC Electrical Specifications
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CLOCK SIGNAL TIMING
OSC Clock Period (Typ. 44MHz)
tCYC
20
20.8
200
ns
High Period
tH1
10
10.4
-
-
Low Period
tL1
10
10.4
-
-
EXTERNAL MEMORY READ INTERFACE
MOE-Setup Time from RAMCS_
tS1
0-
-
ns
MOE_Setup Time from MA (17..0)
tS2
0
-
-ns
MA (17..1) HoldTimefromMOE_Rising Edge
tH1
20
-
-
ns
RAMCS_ Hold from MOE_ Rising Edge
tH2
20
-
-
ns
MD (15..0) Enable from MOE_ Falling
tE1
5
-
-ns
MO (15..0) Disable from MOE_ Rising Edge
tD1
-
-
100
ns
EXTERNAL MEMORY WRITE INTERFACE
MA (17..0) Setup to MWE_ Falling Edge
tS3
000
ns
RAMCS_ Setup to MWE
tS4
0-
-
ns
MA (17..0) HoldfromMWE_RisingEdge
tH3
15
-
-
ns
RAMCS _ Hold from MWE_ Rising Edge
tH4
15
-
-
ns
MD (15..0) Setup to MWE_ Rising Edge
tS5
40
-
-
ns
MD (15..0) HoldfromMWE_RisingEdge
tH5
15
-
-
ns
SYNTHESIZER
SYNTHCLK(PK1) Period
tCYC
83
-
4,000
ns
ISL3873A


Similar Part No. - ISL3873A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873IK INTERSIL-ISL3873IK Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873IK96 INTERSIL-ISL3873IK96 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results

Similar Description - ISL3873A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3874 INTERSIL-ISL3874 Datasheet
390Kb / 33P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com