Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8302IUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL8302IUZ
Description  500MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8302IUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL8302IUZ Datasheet HTML 2Page - Intersil Corporation EL8302IUZ Datasheet HTML 3Page - Intersil Corporation EL8302IUZ Datasheet HTML 4Page - Intersil Corporation EL8302IUZ Datasheet HTML 5Page - Intersil Corporation EL8302IUZ Datasheet HTML 6Page - Intersil Corporation EL8302IUZ Datasheet HTML 7Page - Intersil Corporation EL8302IUZ Datasheet HTML 8Page - Intersil Corporation EL8302IUZ Datasheet HTML 9Page - Intersil Corporation EL8302IUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FIGURE 13. OUPUT IMPEDANCE vs FREQUENCY
FIGURE 14. SMALL SIGNAL PEAKING vs SUPPLY VOLTAGE
FIGURE 15. COMMON-MODE REJECTION RATIO vs
FREQUENCY
FIGURE 16. SUPPLY CURRENT vs SUPPLY VOLTAGE (PER
AMPLIFIER)
FIGURE 17. HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 18. HARMONIC DISTORTION vs LOAD RESISTANCE
Typical Performance Curves (Continued)
100
10
1
0.1
0.01
10K
100K
1M
10M
FREQUENCY (Hz)
100M
2.5
1.5
0.5
0
3
3.5
4.5
5
5.5
VS (V)
RL=1kΩ
CL=1.5pF
AV=1
AV=2
2
1
4
-15
-35
-55
-75
-95
-115
100K
1M
10M
100M
FREQUENCY (Hz)
10
4
8
0
01
34
5.5
VS (V)
6
2
2
0.5
1.5
3.5
4.5 5
2.5
-60
-70
-80
-100
15
VOP-P (V)
VS=5V
RL=1kΩ
CL=1.5p
F
-90
34
2
HD2@10MHz
HD2@5MHz
HD2
@1M
Hz
HD3@10MH
z
HD3@5
MHz
HD3@1MHz
VS=5V
RL=1kΩ
CL=1.5pF
AV=2
-70
-75
-90
-100
100
2K
RLOAD (Ω)
-95
1K
VO=1VP-P for AV=1
VO=2VP-P for AV=2
-85
-80
HD2@A
V=
2
HD2@A
V=
1
HD3@A
V=
2
HD3@A
V=
1
VS=5V
f=5MHz
EL8302


Similar Part No. - EL8302IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302IUZ RENESAS-EL8302IUZ Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IUZ-T13 RENESAS-EL8302IUZ-T13 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IUZ-T7 RENESAS-EL8302IUZ-T7 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8302IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com