Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8302IUZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL8302IUZ
Description  500MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8302IUZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL8302IUZ Datasheet HTML 6Page - Intersil Corporation EL8302IUZ Datasheet HTML 7Page - Intersil Corporation EL8302IUZ Datasheet HTML 8Page - Intersil Corporation EL8302IUZ Datasheet HTML 9Page - Intersil Corporation EL8302IUZ Datasheet HTML 10Page - Intersil Corporation EL8302IUZ Datasheet HTML 11Page - Intersil Corporation EL8302IUZ Datasheet HTML 12Page - Intersil Corporation EL8302IUZ Datasheet HTML 13Page - Intersil Corporation EL8302IUZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Driving Capacitive Loads and Cables
The EL8302 can drive 5pF loads in parallel with 1k
Ω with
less than 5dB of peaking at gain of +1. If less peaking is
desired in applications, a small series resistor (usually
between 5
Ω to 50Ω) can be placed in series with the output
to eliminate most peaking. However, this will reduce the gain
slightly. If the gain setting is greater than 1, the gain resistor
RG can then be chosen to make up for any gain loss which
may be created by the additional series resistor at the
output.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier’s output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL8302 can be disabled and placed its output in a high
impedance state. The turn off time is about 25ns and the turn
on time is about 200ns. When disabled, the amplifier’s
supply current is reduced to 30µA typically, thereby
effectively eliminating the power consumption. The
amplifier’s power down can be controlled by standard TTL or
CMOS signal levels at the ENABLE pin. The applied logic
signal is relative to VS- pin. Letting the ENABLE pin float or
applying a signal that is less than 0.8V above VS- will enable
the amplifier. The amplifier will be disabled when the signal
at ENABLE pin is 2V above VS-.
Output Drive Capability
The EL8302 does not have internal short circuit protection
circuitry. They have a typical short circuit current of 80mA
sourcing and 150mA sinking for the output is connected to
half way between the rails with a 10
Ω resistor. If the output is
shorted indefinitely, the power dissipation could easily
increase such that the part will be destroyed. Maximum
reliability is maintained if the output current never exceeds
±40mA. This limit is set by the design of the internal metal
interconnections.
Power Dissipation
With the high output drive capability of the EL8302, It is
possible to exceed the 125
°C absolute maximum junction
temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for the application to determine if the load
conditions or package types need to be modified for the
amplifier to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
For sourcing:
For sinking:
Where:
VS = Total supply voltage
ISMAX = Maximum quiescent supply current
VOUTi = Maximum output voltage of the application for
each channel
RLOADi = Load resistance tied to ground for each
channel
ILOADi = Load current for eachh channel
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as short as possible. The power supply
pin must be well bypassed to reduce the risk of oscillation.
For normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to a minimum. Use of wire wound resistors should be
PD
MAX
T
JMAX
T
AMAX
θ
JA
---------------------------------------------
=
PD
MAX
V
S
I
SMAX
V
S
V
OUTi
()
V
OUTi
R
Li
-----------------
×
i1
=
3
+
×
=
PD
MAX
V
S
I
SMAX
V
OUTi
V
S-
() I
LOADi
×
i1
=
3
+
×
=
EL8302


Similar Part No. - EL8302IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302IUZ RENESAS-EL8302IUZ Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IUZ-T13 RENESAS-EL8302IUZ-T13 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IUZ-T7 RENESAS-EL8302IUZ-T7 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8302IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com