Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9112IL-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL9112IL-T13
Description  Triple Differential Receiver/Equalizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9112IL-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL9112IL-T13 Datasheet HTML 3Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 4Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 5Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 6Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 7Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 8Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 9Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 10Page - Intersil Corporation EL9112IL-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7450.1
May 17, 2005
FIGURE 11. COMMON-MODE REJECTION
FIGURE 12. CM AMPLIFIER BANDWIDTH
FIGURE 13. (+)PSRR vs FREQUENCY
FIGURE 14. (-)PSRR vs FREQUENCY
FIGURE 15. BLUE CROSSTALK
FIGURE 16. BLUE CROSSTALK
Typical Performance Curves (Continued)
100K
1M
10M
100M
-10
-20
-40
-60
-80
-100
VGAIN=0.35V
(ALL CHANNELS)
VCTRL=0V
X2=HIGH
FREQUENCY (Hz)
100K
1M
10M
100M
4
2
0
-2
-4
-6
VGAIN=0.35V
(ALL CHANNELS)
VCTRL=0V
RLOAD=150Ω
X2=HIGH
FREQUENCY (Hz)
10
1K
100K
100M
0
-20
-40
-60
-80
-100
VCC=5V
VCTRL=0V
VGAIN=0V
(ALL CHANNELS)
INPUTS ON GND
FREQUENCY (Hz)
100
10K
1M
10M
10
1K
100K
100M
-20
-40
-60
-80
-100
-120
VEE=-5V
VCTRL=0V
VGAIN=0V
(ALL CHANNELS)
INPUTS ON GND
FREQUENCY (Hz)
100
10K
1M
10M
EL9111, EL9112


Similar Part No. - EL9112IL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9112IL-T13 INTERSIL-EL9112IL-T13 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9112IL-T13 INTERSIL-EL9112IL-T13 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
EL9112IL-T13 INTERSIL-EL9112IL-T13 Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results

Similar Description - EL9112IL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com