Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55002 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55002
Description  High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55002 Datasheet HTML 1Page - Intersil Corporation ISL55002 Datasheet HTML 2Page - Intersil Corporation ISL55002 Datasheet HTML 3Page - Intersil Corporation ISL55002 Datasheet HTML 4Page - Intersil Corporation ISL55002 Datasheet HTML 5Page - Intersil Corporation ISL55002 Datasheet HTML 6Page - Intersil Corporation ISL55002 Datasheet HTML 7Page - Intersil Corporation ISL55002 Datasheet HTML 8Page - Intersil Corporation ISL55002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7497.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL55002, ISL55004
High Supply Voltage 220MHz Unity-Gain
Stable Operational Amplifiers
The ISL55002 and ISL55004 are high speed, low power, low
cost monolithic operational amplifiers. The ISL55002 and
ISL55004 are unity-gain stable and feature a 300V/µs slew
rate and 220MHz bandwidth while requiring only 9mA of
supply current.
The power supply operating range of the ISL55002 and
ISL55004 is from ±15V down to ±2.5V. For single-supply
operation, the ISL55002 and ISL55004 operate from 30V
down to 5V.
The ISL55002 and ISL55004 also feature an extremely wide
output voltage swing of -12.75V/+13.4V with VS = ±15V and
RL = 1kΩ.
At a gain of +1, the ISL55002 and ISL55004 have a -3dB
bandwidth of 220MHz with a phase margin of 50°. Because
of its conventional voltage-feedback topology, the ISL55002
and ISL55004 allow the use of reactive or non-linear
elements in its feedback network. This versatility combined
with low cost and 140mA of output-current drive makes the
ISL55002 and ISL55004 an ideal choice for price-sensitive
applications requiring low power and high speed.
The ISL55002 is available in an 8-pin SO package and the
ISL55004 in a 14-pin SO (0.150”) package. All are specified
for operation over the full -40°C to +85°C temperature range.
Features
• 220MHz -3dB bandwidth
• Unity-gain stable
• Low supply current: 9mA @ VS = ±15V
• Wide supply range: ±2.5V to ±15V dual-supply and 5V to
30V single-supply
• High slew rate: 300V/µs
• Fast settling: 75ns to 0.1% for a 10V step
• Wide output voltage swing: -12.75V/+13.6V with VS =
±15V, RL =1kΩ
• Low cost, enhanced replacement for the AD847 and
LM6361
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed sample-and-hold
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• Difference amplifiers
Pinouts
ISL55002
(8-PIN SO)
TOP VIEW
ISL55004
[14-PIN SO (0.150”)]
TOP VIEW
1
2
3
4
8
7
6
5
OUT
IN1-
IN1+
VS-
VS+
OUT2
IN2-
IN2+
-+
-
+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
OUT1
IN1-
IN1+
VS+
IN2+
IN2-
OUT2
OUT4
IN4-
IN4+
VS-
IN3+
IN3-
OUT3
-+
-
+
-+
-
+
Data Sheet
July 15, 2005


Similar Part No. - ISL55002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB INTERSIL-ISL55002IB Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002IB RENESAS-ISL55002IB Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T13 INTERSIL-ISL55002IB-T13 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - ISL55002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
EL2242D ELANTEC-EL2242D Datasheet
341Kb / 1P
   Dual Fast Single-Supply Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com