Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59421IU-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL59421IU-T13
Description  865MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59421IU-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59421IU-T13 Datasheet HTML 4Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 5Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 6Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 7Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 8Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 9Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 10Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 11Page - Intersil Corporation ISL59421IU-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN7458.1
September 21, 2005
AC Test Circuits
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
S0
Circuit 2
Channel selection pin LSB (binary logic code)
2
GND
Circuit 4
Ground pin
3
IN0
Circuit 1
Input for channel 0
4
ENABLE
Circuit 2
Device enable (active low); there are internal pull-down resistors, so the device will be active with
no connection; "HI" puts device into power-down mode
5
IN1
Circuit 1
Input for channel 1
6
HIZ
Circuit 2
Output disable (active high); there are internal pull-down resistors, so the device will be active with
no connection; “HI” puts the output in high impedance state
7
V-
Circuit 4
Negative power supply
8
V+
Circuit 4
Positive power supply
9
OUT
Circuit 3
Output
10
IN-
Circuit 1
Inverting input of output amplifier
FIGURE 24A. TEST CIRCUIT FOR MEASURING WITH A 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT.
FIGURE 24B. TEST CIRCUIT FOR MEASURING WITH A 50Ω OR 75Ω
INPUT TERMINATED EQUIPMENT.
NOTE: Figure 24A illustrates the optimum output load when connecting to input terminated equipment. Figure 24B illustrates back loaded test circuit
for video cable applications.
IN
V+
V-
CIRCUIT 1.
LOGIC PIN
V+
V-
GND.
33K
21K
+
-
1.2V
CIRCUIT 2.
V+
V-
OUT
CIRCUIT 3.
V-
V+
CAPACITIVELY
COUPLED
ESD CLAMP
GND
CIRCUIT 4.
RS
CL
VIN
TEST EQUIPMENT
50
or
75
50
or
75
50
or
75
Av = 1, 2
475
or
462.5
ISL59421
RG
RF
RS
CL
VIN
TEST EQUIPMENT
50
or
75
50
or
75
50
or
75
Av = 1, 2
475
or
462.5
ISL59421
RG
RF
ISL59421


Similar Part No. - ISL59421IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59421IU-T13 RENESAS-ISL59421IU-T13 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
More results

Similar Description - ISL59421IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com