Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59442IB-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL59442IB-T7
Description  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IB-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL59442IB-T7 Datasheet HTML 2Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 3Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 4Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 5Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 6Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 7Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 8Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 9Page - Intersil Corporation ISL59442IB-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN7452.2
September 21, 2005
FIGURE 15. HIZ SWITCHING GLITCH VIN = 0V, RS = 25,
CL = 23.6pF
FIGURE 16. HIZ TRANSIENT RESPONSE VIN = 1V, RS = 25,
CL = 23.6pF
FIGURE 17. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 18. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
0
0
20ns/DIV
VOUT
HIZ
0
0
20ns/DIV
VOUT
HIZ
TIME (4ns/DIV)
120
80
40
0
-40
-80
-120
160
-160
CL = 1.6pF
RL = 500Ω
TIME (4ns/DIV)
2
1.6
1.2
0.8
0.4
0
-0.4
-0.8
2.4
CL = 23.6pF
RS = 25Ω
RL = 500Ω
1.136W
θ
JA =
88°
C/W
SO
14
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
833mW
θ
JA =1
20°
C/W
SO
14
1
0.9
0.8
0.6
0.4
0.1
0
025
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
ISL59442


Similar Part No. - ISL59442IB-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59442IB-T7 INTERSIL-ISL59442IB-T7 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB-T7 RENESAS-ISL59442IB-T7 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Similar Description - ISL59442IB-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com