Electronic Components Datasheet Search |
|
ISL59424IR-T13 Datasheet(PDF) 4 Page - Intersil Corporation |
|
ISL59424IR-T13 Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 13 page 4 FN7456.2 September 8, 2005 Xtalk Channel Cross Talk (ISL59424) f = 10MHz, CL = 0.5pF, VIN = -6dBm 75 dB Channel Cross Talk (ISL59445) 70 dG Differential Gain Error NTC-7, RL = 150, CL = 0.5pF 0.02 % dP Differential Phase Error NTC-7, RL = 150, CL = 0.5pF 0.02 ° BW -3dB Bandwidth CL = 0.5pF 1000 MHz FBW 0.1dB Bandwidth CL = 0.5pF 130 MHz 0.1dB Bandwidth CL = 1.5pF 200 MHz SWITCHING CHARACTERISTICS SR Slew Rate 25% to 75%, RL = 150Ω, Input Enabled, CL = 1.5pF, VIN = ±1V ±1200 V/µs VGLITCH ISL58424 Channel -to-Channel Switching Glitch VIN = 0V, CL = 0.5pF 40 mVP-P Enable Switching Glitch VIN = 0V, CL = 0.5pF 300 mVP-P HIZ Switching Glitch VIN = 0V, CL = 0.5pF 200 mVP-P VGLITCH ISL59445 Channel -to-Channel Switching Glitch VIN = 0V, CL = 0.5pF 20 mVP-P Enable Switching Glitch VIN = 0V, CL = 0.5pF 200 mVP-P HIZ Switching Glitch VIN = 0V, CL = 0.5pF 200 mVP-P tSW-L-H Channel Switching Time Low to High 1.2V logic threshold to 10% movement of analog output 15 ns tSW-H-L Channel Switching Time High to Low 1.2V logic threshold to 10% movement of analog output 15 ns tr Rise Time 10% to 90% 600 ps tf Fall Time 10% to 10% 800 ps tpd Propagation Delay 10% to 10% 600 ps tS 0.1% Settling Time Step = 1V 6 ns tLH Latch Enable HoldTime LE = 0V 10 ns Electrical Specifications V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, VIN = 1VP-P & RL = 500Ω to GND unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. FIGURE 1. GAIN vs FREQUENCY vs CL FIGURE 2. GAIN vs FREQUENCY vs RL -10 -8 -6 -4 -2 0 2 4 6 8 10 110 100 1K FREQUENCY (MHz) CL=1.5pF CL=5.2pF CL=2.7pF CL=0.5pF SOURCE POWER=-12dBm CL=3.8pF CL INCLUDES 0.5pF BOARD CAPACITANCE 1.2K CL=8.7pF -5 -4 -3 -2 -1 0 1 2 3 4 5 1 10 100 1.2K FREQUENCY (MHz) RL=1kΩ RL=150Ω SOURCE POWER=-12dBm RL=500Ω 1K RL=100Ω ISL59424, ISL59445 |
Similar Part No. - ISL59424IR-T13 |
|
Similar Description - ISL59424IR-T13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |