Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55004IB-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL55004IB-T13
Description  High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55004IB-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55004IB-T13 Datasheet HTML 1Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 2Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 3Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 4Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 5Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 6Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 7Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 8Page - Intersil Corporation ISL55004IB-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7497.1
July 15, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . ±16.5V or 33V
Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±VS
Differential Input Voltage (dVIN). . . . . . . . . . . . . . . . . . . . . . . . .±10V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Temperature Range (TA). . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature (TST) . . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±15V, RL = 1kΩ, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
VS = ±15V
1.2
5
mV
TCVOS
Average Offset Voltage Drift
µV/°C
IB
Input Bias Current
VS = ±15V
0.6
3.5
µA
IOS
Input Offset Current
VS = ±15V
0.2
2
µA
TCIOS
Average Offset Current Drift (Note 1)
TBD
nA/°C
AVOL
Open-loop Gain
VS = ±15V, VOUT = ±10V, RL = 1kΩ
12000
21000
V/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
75
100
dB
CMRR
Common-mode Rejection Ratio
VCM = ±10V, VOUT = 0V
75
90
dB
CMIR
Common-mode Input Range
VS = ±15V
13
V
VOUT
Output Voltage Swing
VO+, RL = 1kΩ
13.3
13.4
V/V
VO-, RL = 1kΩ
-12.6
-12.75
V/V
VO+, RL = 150Ω
9.6
10.7
V/V
VO-, RL = 150Ω
-6.5
-8.2
V/V
ISC
Output Short Circuit Current
TA = 25°C
80
140
mA
IS
Supply Current (per amplifier)
VS = ±15V, no load
9
9.5
mA
RIN
Input Resistance
2.0
3.2
M
CIN
Input Capacitance
AV = +1 @10MHz
1
pF
ROUT
Output Resistance
AV = +1
50
m
PSOR
Power Supply Operating Range
Dual supply
±2.25
±15
V
Single supply
4.5
30
V
NOTE:
1. Measured from TMIN to TMAX.
AC Electrical Specifications
VS = ±15V, AV = +1, RL = 1kΩ unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 0.4VPP)VS = ±15V, AV = +1
220
MHz
VS = ±15V, AV = -1
55
MHz
VS = ±15V, AV = +2
53
MHz
VS = ±15V, AV = +5
17
MHz
GBWP
Gain Bandwidth Product
VS = ±15V
70
MHz
PM
Phase Margin
RL = 1kΩ, CL = 5pF
55
°
ISL55002, ISL55004


Similar Part No. - ISL55004IB-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004IB-T13 INTERSIL-ISL55004IB-T13 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55004IB-T13 INTERSIL-ISL55004IB-T13 Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
logo
Renesas Technology Corp
ISL55004IB-T13 RENESAS-ISL55004IB-T13 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - ISL55004IB-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
EL2242D ELANTEC-EL2242D Datasheet
341Kb / 1P
   Dual Fast Single-Supply Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com