Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95310UIU10Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL95310UIU10Z
Description  Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95310UIU10Z Datasheet(HTML) 8 Page - Intersil Corporation

  ISL95310UIU10Z Datasheet HTML 1Page - Intersil Corporation ISL95310UIU10Z Datasheet HTML 2Page - Intersil Corporation ISL95310UIU10Z Datasheet HTML 3Page - Intersil Corporation ISL95310UIU10Z Datasheet HTML 4Page - Intersil Corporation ISL95310UIU10Z Datasheet HTML 5Page - Intersil Corporation ISL95310UIU10Z Datasheet HTML 6Page - Intersil Corporation ISL95310UIU10Z Datasheet HTML 7Page - Intersil Corporation ISL95310UIU10Z Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8083.0
May 6, 2005
ISL95310
Packaging Information
10 Lead MSOP, Package Code
1
2
3
45
0.0197 [0.50] BSC
0.1970 [5.00]
(S)
0.1890 [4.80]
10
9
8
76
0.0374 [0.95]
0.0295 [0.75]
4
0.0059 [0.15]
(S)
0.0020 [0.05]
0.0433 [1.10] MAX.
0.0039 [0.10]
MAX.
(S)
0.0106 [0.27]
0.0067 [0.17]
2
0.1220 [3.10]
0.1142 [2.90]
0.0098 [0.25]
A
A
0°-6°
3
0.1220 [3.10]
0.1142 [2.90]
SECTION A-A
GAUGE PLANE
0.1220 [3.10]
0.1142 [2.90]
BASE
4
0.0106 [0.27]
0.0067 [0.17]
WITH
PLATING
0.0050 [0.127]
0.0091 [0.23]
0.0051 [0.13]
WITH PLATING
0.0080 [0.203]
REF
METAL
NOTES:
1. Package dimensions conform to JEDEC specification MO-187BA.
2.
Does not include mold flash, protrusion
or gate burrs, mold flash protrusions
or gate burrs shall not exceed 0.15 mm per side.
3.
Does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.15 mm per side.
4.
Does not include dambar protrusion. Allowable dambar protrusion shall be 0.8 mm.
5. Lead span/stand-off height/coplanarity are considered as special characteristics.
6. Controlling dimensions in inches [mm].
2
3
4
3
0.0276 [0.70]
0.0157 [0.40]


Similar Part No. - ISL95310UIU10Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95310UIU10Z RENESAS-ISL95310UIU10Z Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
More results

Similar Description - ISL95310UIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Renesas Technology Corp
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Intersil Corporation
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com