Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97702 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL97702
Description  Boost with Dual Reference Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97702 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL97702 Datasheet HTML 1Page - Intersil Corporation ISL97702 Datasheet HTML 2Page - Intersil Corporation ISL97702 Datasheet HTML 3Page - Intersil Corporation ISL97702 Datasheet HTML 4Page - Intersil Corporation ISL97702 Datasheet HTML 5Page - Intersil Corporation ISL97702 Datasheet HTML 6Page - Intersil Corporation ISL97702 Datasheet HTML 7Page - Intersil Corporation ISL97702 Datasheet HTML 8Page - Intersil Corporation ISL97702 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN7462.0
October 13, 2005
Absolute Maximum Ratings (TA = 25°C)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6V
VOUT to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 31V
LX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VOUT+1V
VDDOUT, NSYNC, FB0, FB1, SEL, NEN
to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
Continuous Current in VDD, GND, VDDOUT, LX . . . . . . . . . 650mA
Continuos Current in NSYNC, FB0, FB1, SEL, NEN. . . . . . . . 10mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
TA Ambient Operating Temperature. . . . . . . . . . . . .-40°C to +85°C
TJ Operating Junction Temperature. . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed.
Electrical Specifications
VDD = 3.6V, GND = NEN = 0V, SEL = NSYNC = VDD, R1 = 390K, R2 = 39K, R3 = 26.1K,
L = 10µH, TA = -40°C to +85°C unless otherwise stated
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SUPPLY
VDD
Supply Operating Voltage Range
2.3
5.5
V
IDIS
Supply Current when Disabled
NEN = VDD
0.1
3
µA
LOGIC INPUTS – NEN, NSYNC, SEL
Rup
Pull-up Resistor
Enabled, Input at GND
150
250
350
k
IIL
Leakage Current when Disabled
Disabled, Input at GND
-1
1
µA
VHI
Logic High Threshold
1.8
V
VLO
Logic Low Threshold
0.7
V
POWER-ON RESET – VDD
VRES_ON
Power On Reset Threshold
VDD rising
2.2
2.3
V
VRES_OFF
Power Off Threshold
VDD falling
1.9
2
V
LX OUTPUT DRIVER
fosc
LX Switching Frequency with Internal
Oscillator
0.9
1
1.1
MHz
fsync
LX Switching Frequency when
Externally Synchronized at NSYNC
f
(NSYNC)
-
ton-min
Minimum On-Time
FB1 = 0V, I(LX) > Ilim(LX)
60
ns
toff-min
Minimum Off-time
(
≥ Maximum Duty Cycle)
FB1 = 0V, I(LX) < Ilim(LX)
60
ns
Ron
LX On-Resistance
I(LX) = 100mA
0.4
Ileak
LX Leakage Current
NEN = VDD, V(LX) = 30V
1
5
µA
Ipeak
LX Peak Current Limit
t > 8.32ms (end of soft-start)
1200
mA
SCHOTTKY DIODE – LX, VOUT
Vdiode
Forward Voltage from LX to VOUT
I = 10mA, TA = +25°C
0.4
0.5
0.6
V
I = 10mA, TA = -40°C to +85°C
0.3
0.5
0.7
V
FEEDBACK INPUTS AND SELECTION – FB0, FB1, SEL
VrefFB0
Input Reference Voltage on FB0
SEL = GND, TA = +25°C
1.13
1.15
1.17
V
SEL = GND, TA = -40°C to +85°C
1.12
1.15
1.18
v
VrefFB1
Input Reference Voltage on FB1
SEL = VDD, TA = +25°C
1.135
1.15
1.165
V
SEL = GND, TA = -40°C to +85°C
1.125
1.15
1.175
V
IFB0
Input Current in FB0
SEL = GND, FB0 = 1.3V
-0.2
0.2
µA
IFB1
Input Current in FB1
SEL = VDD, FB1 = 1.3V
-0.2
0.2
µA
ISL97702


Similar Part No. - ISL97702

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97702 INTERSIL-ISL97702 Datasheet
85Kb / 5P
   OLED Driver Demo Board
logo
Renesas Technology Corp
ISL97702 RENESAS-ISL97702 Datasheet
690Kb / 13P
   Boost with Dual Reference Outputs
ISL97702IRZ RENESAS-ISL97702IRZ Datasheet
690Kb / 13P
   Boost with Dual Reference Outputs
ISL97702IRZ-T13a RENESAS-ISL97702IRZ-T13a Datasheet
690Kb / 13P
   Boost with Dual Reference Outputs
ISL97702IRZ-T7 RENESAS-ISL97702IRZ-T7 Datasheet
690Kb / 13P
   Boost with Dual Reference Outputs
More results

Similar Description - ISL97702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97702 RENESAS-ISL97702 Datasheet
690Kb / 13P
   Boost with Dual Reference Outputs
logo
Analog Devices
ADCMP361 AD-ADCMP361_15 Datasheet
296Kb / 12P
   Comparator and Reference with Dual Polarity Outputs
REV. B
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
   BUCK-BOOST CONVERTER REFERENCE BOARD
logo
Analog Devices
ADCMP670 AD-ADCMP670 Datasheet
121Kb / 14P
   Dual Comparators with 400mV Reference
Rev. PrB
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
SP7648 SIPEX-SP7648_06 Datasheet
588Kb / 13P
   PackageLow Reference High efficiency Boost Regulator
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
   Boost and Dual LDOs with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com